Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD1NK60 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STD1NK60
Description  N-CHANNEL 600V - 8廓 - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD1NK60 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STD1NK60_08 Datasheet HTML 6Page - STMicroelectronics STD1NK60_08 Datasheet HTML 7Page - STMicroelectronics STD1NK60_08 Datasheet HTML 8Page - STMicroelectronics STD1NK60_08 Datasheet HTML 9Page - STMicroelectronics STD1NK60_08 Datasheet HTML 10Page - STMicroelectronics STD1NK60_08 Datasheet HTML 11Page - STMicroelectronics STD1NK60_08 Datasheet HTML 12Page - STMicroelectronics STD1NK60_08 Datasheet HTML 13Page - STMicroelectronics STD1NK60_08 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
STD1NK60 - STD1NK60-1 - STQ1HNK60R - STN1HNK60
10/15
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.80
0.071
B
0.60
0.70
0.80
0.024
0.027
0.031
B1
2.90
3.00
3.10
0.114
0.118
0.122
c
0.24
0.26
0.32
0.009
0.010
0.013
D
6.30
6.50
6.70
0.248
0.256
0.264
e
2.30
0.090
e1
4.60
0.181
E
3.30
3.50
3.70
0.130
0.138
0.146
H
6.70
7.00
7.30
0.264
0.276
0.287
V10
o
10
o
A1
0.02
P008B
SOT-223 MECHANICAL DATA


Similar Part No. - STD1NK60_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1NK60-1 STMICROELECTRONICS-STD1NK60-1 Datasheet
748Kb / 13P
   N-CHANNEL 600V - 8 - 1A DPAK / IPAK / TO-92 SuperMESH Power MOSFET
STD1NK60-1 STMICROELECTRONICS-STD1NK60-1 Datasheet
485Kb / 15P
   N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
logo
VBsemi Electronics Co.,...
STD1NK60-1 VBSEMI-STD1NK60-1 Datasheet
1Mb / 9P
   N-Channel 650V (D-S)Power MOSFET
logo
STMicroelectronics
STD1NK60T4 STMICROELECTRONICS-STD1NK60T4 Datasheet
748Kb / 13P
   N-CHANNEL 600V - 8 - 1A DPAK / IPAK / TO-92 SuperMESH Power MOSFET
STD1NK60T4 STMICROELECTRONICS-STD1NK60T4 Datasheet
485Kb / 15P
   N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
More results

Similar Description - STD1NK60_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN1HNK60 STMICROELECTRONICS-STN1HNK60 Datasheet
485Kb / 15P
   N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
STD1NK60 STMICROELECTRONICS-STD1NK60 Datasheet
748Kb / 13P
   N-CHANNEL 600V - 8 - 1A DPAK / IPAK / TO-92 SuperMESH Power MOSFET
STQ1NK80ZR-AP STMICROELECTRONICS-STQ1NK80ZR-AP Datasheet
630Kb / 15P
   N-CHANNEL 800V - 13 廓 - 1 A TO-92 /SOT-223/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
logo
Microsemi Corporation
STD1LNK60Z-1 MICROSEMI-STD1LNK60Z-1_06 Datasheet
732Kb / 14P
   N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
logo
STMicroelectronics
STD1LNK60Z-1 STMICROELECTRONICS-STD1LNK60Z-1 Datasheet
657Kb / 14P
   N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
September 2005 Rev. 6
STD2HNK60Z STMICROELECTRONICS-STD2HNK60Z Datasheet
497Kb / 16P
   N-channel 600V - 4.4廓 - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
STQ1NK60ZR-AP STMICROELECTRONICS-STQ1NK60ZR-AP_07 Datasheet
466Kb / 16P
   N-channel 600V - 13廓 - 0.8A - TO-92 - TO-251 - SOT-223 Zener-Protected SuperMESH??Power MOSFET
STD2HNK60Z-1 STMICROELECTRONICS-STD2HNK60Z-1 Datasheet
405Kb / 12P
   N-CHANNEL 600V - 4.4廓 - 2.0A TO-92/TO-220FP/IPAK Zener-Protected SuperMESH MOSFET
STD3NK50Z STMICROELECTRONICS-STD3NK50Z Datasheet
481Kb / 14P
   N-CHANNEL 500V - 2.8ohm - 2.3A TO-92/DPAK/IPAK Zener-Protected SuperMESH MOSFET
STN3N45K3 STMICROELECTRONICS-STN3N45K3 Datasheet
487Kb / 12P
   N-channel 450 V, 3.2 廓, 1.8 A, TO-92, SOT-223, IPAK SuperMESH3??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com