Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW5NB90 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STW5NB90
Description  N - CHANNEL 900V - 2.3ohm - 5.6A - TO-247 PowerMESH MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5NB90 Datasheet(HTML) 4 Page - STMicroelectronics

  STW5NB90 Datasheet HTML 1Page - STMicroelectronics STW5NB90 Datasheet HTML 2Page - STMicroelectronics STW5NB90 Datasheet HTML 3Page - STMicroelectronics STW5NB90 Datasheet HTML 4Page - STMicroelectronics STW5NB90 Datasheet HTML 5Page - STMicroelectronics STW5NB90 Datasheet HTML 6Page - STMicroelectronics STW5NB90 Datasheet HTML 7Page - STMicroelectronics STW5NB90 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Output Characteristics
Transconductance
Gate Charge vs Gate-source Voltage
Transfer Characteristics
Static Drain-source On Resistance
Capacitance Variations
STW5NB90
4/8


Similar Part No. - STW5NB90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW5NB100 STMICROELECTRONICS-STW5NB100 Datasheet
54Kb / 5P
   N - CHANNEL 1000V - 4ohm - 4.3A - TO-247 PowerMESH MOSFET
More results

Similar Description - STW5NB90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW6NB100 STMICROELECTRONICS-STW6NB100 Datasheet
86Kb / 8P
   N - CHANNEL 1000V - 2.3ohm - 5.4A - TO-247 PowerMESH MOSFET
STW6NB90 STMICROELECTRONICS-STW6NB90 Datasheet
51Kb / 5P
   N - CHANNEL 900V - 1.7ohm - 6.3A - TO-247 PowerMESH MOSFET
STW9NB90 STMICROELECTRONICS-STW9NB90 Datasheet
87Kb / 8P
   N-CHANNEL 900V - 0.85ohm - 9.7A - TO-247 PowerMESH MOSFET
STW6NC90Z STMICROELECTRONICS-STW6NC90Z Datasheet
243Kb / 8P
   N-CHANNEL 900V - 2.1ohm - 5.2A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STW7NC90Z STMICROELECTRONICS-STW7NC90Z Datasheet
243Kb / 8P
   N-CHANNEL 900V - 1.55ohm - 6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STW8NB90 STMICROELECTRONICS-STW8NB90 Datasheet
311Kb / 9P
   N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh??MOSFET
STGW30N90D STMICROELECTRONICS-STGW30N90D Datasheet
159Kb / 10P
   N-channel 900V - 30A - TO-247 Very fast PowerMESH IGBT
STW8NC90Z STMICROELECTRONICS-STW8NC90Z Datasheet
251Kb / 8P
   N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STU9NB80 STMICROELECTRONICS-STU9NB80 Datasheet
82Kb / 8P
   N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
STW50NB20 STMICROELECTRONICS-STW50NB20 Datasheet
88Kb / 8P
   N - CHANNEL 200V - 0.047ohm - 50A - TO-247 PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com