Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ABT620DWRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ABT620DWRE4
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT620DWRE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ABT620DWRE4 Datasheet HTML 1Page - Texas Instruments SN74ABT620DWRE4 Datasheet HTML 2Page - Texas Instruments SN74ABT620DWRE4 Datasheet HTML 3Page - Texas Instruments SN74ABT620DWRE4 Datasheet HTML 4Page - Texas Instruments SN74ABT620DWRE4 Datasheet HTML 5Page - Texas Instruments SN74ABT620DWRE4 Datasheet HTML 6Page - Texas Instruments SN74ABT620DWRE4 Datasheet HTML 7Page - Texas Instruments SN74ABT620DWRE4 Datasheet HTML 8Page - Texas Instruments SN74ABT620DWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN54ABT620, SN74ABT620
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS113D – FEBRUARY 1991 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Latch-Up Performance Exceeds 500 mA Per
JESD 17
D Typical VOLP (Output Ground Bounce) < 1 V
at VCC = 5 V, TA = 25°C
D High-Drive Outputs (–32-mA IOH,
64-mA IOL)
D Package Options Include Plastic
Small-Outline (DW), Shrink Small-Outline
(DB), and Thin Shrink Small-Outline (PW)
Packages, Ceramic Chip Carriers (FK), and
Plastic (N) and Ceramic (J) DIPs
description
These
octal
bus
transceivers
provide
for
asynchronous communication between data
buses.
The
control-function
implementation
allows for maximum flexibility in timing. The
’ABT620 devices provide inverted data at the
outputs.
These devices allow data transmission from the
A bus to the B bus or from the B bus to the A bus,
depending on the logic levels at the output-enable
(OEAB and OEBA) inputs.
The output-enable inputs can be used to disable the device so that the buses are effectively isolated. The
dual-enable configuration gives the transceivers the capability of storing data by simultaneously enabling OEAB
and OEBA. When both OEAB and OEBA are enabled and all other data sources to the two sets of bus lines
are at high impedance, both sets of bus lines (16 total) remain at their last states. In this way, each output
reinforces its input in this configuration.
To ensure the high-impedance state during power up or power down, OEBA should be tied to VCC through a
pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
OEAB should be tied to GND through a pulldown resistor; the minimum value of the resistor is determined by
the current-sourcing capability of the driver.
The SN54ABT620 is characterized for operation over the full military temperature range of –55
°C to 125°C. The
SN74ABT620 is characterized for operation from –40
°C to 85°C.
Copyright
© 1998, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC-
ΙΙB is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OEAB
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OEBA
B1
B2
B3
B4
B5
B6
B7
B8
SN54ABT620 ...J PACKAGE
SN74ABT620 . . . DB, DW, N, OR PW PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
B1
B2
B3
B4
B5
A3
A4
A5
A6
A7
SN54ABT620 . . . FK PACKAGE
(TOP VIEW)


Similar Part No. - SN74ABT620DWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT620DWRE4 TI-SN74ABT620DWRE4 Datasheet
133Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABT620DWRE4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com