Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1501A-12T5L-U Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1501A-12T5L-U
Description  150KHz, 5A PWM BUCK DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1501A-12T5L-U Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1501A-12T5L-U Datasheet HTML 1Page - Diodes Incorporated AP1501A-12T5L-U Datasheet HTML 2Page - Diodes Incorporated AP1501A-12T5L-U Datasheet HTML 3Page - Diodes Incorporated AP1501A-12T5L-U Datasheet HTML 4Page - Diodes Incorporated AP1501A-12T5L-U Datasheet HTML 5Page - Diodes Incorporated AP1501A-12T5L-U Datasheet HTML 6Page - Diodes Incorporated AP1501A-12T5L-U Datasheet HTML 7Page - Diodes Incorporated AP1501A-12T5L-U Datasheet HTML 8Page - Diodes Incorporated AP1501A-12T5L-U Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AP1501A
150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
5 of 12
SEPTEMBER 2008
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
( Continued )
Specifications with boldface type are for full operating temperature range, the other type are for TJ = 25ºC.
Symbol
Parameter
Conditions
Typ.
Limit
Unit
FB
V
Output
Feedback
5V < VIN < 40V
0.2A < ILOAD < 5A
VOUT programmed for 3V
1.23
1.193/1.18
1.267/1.28
V
VMIN
VMAX
AP1501A-ADJ
η
Efficiency
VIN = 12V, ILOAD=5A
72
%
OUT
V
Output Voltage
5.5V < VIN < 40V
0.2A < ILOAD < 5A
3.3
3.168/3.135
3.432/3.465
V
VMIN
VMAX
AP1501A-3.3V
η
Efficiency
VIN = 12V, ILOAD=5A
71
%
OUT
V
Output Voltage
8V < VIN < 40V
0.2A < ILOAD < 5A
5
4.8/4.75
5.2/5.25
V
VMIN
VMAX
AP1501A-5V
η
Efficiency
VIN = 12V, ILOAD = 5A
78
%
OUT
V
Output Voltage
15V < VIN < 40V
0.2A < ILOAD < 5A
12
11.52/11.4
12.48/12.6
V
VMIN
VMAX
AP1501A-12V
η
Efficiency
VIN = 16V, ILOAD = 5A
88
%


Similar Part No. - AP1501A-12T5L-U

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A-12T5L ANACHIP-AP1501A-12T5L Datasheet
182Kb / 11P
   150Khz, 5A PWM Buck DC/DC Converter
AP1501A-12T5L ANACHIP-AP1501A-12T5L Datasheet
203Kb / 12P
   150Khz, 5A PWM Buck DC/DC Converter
AP1501A-12T5LA ANACHIP-AP1501A-12T5LA Datasheet
182Kb / 11P
   150Khz, 5A PWM Buck DC/DC Converter
AP1501A-12T5LA ANACHIP-AP1501A-12T5LA Datasheet
203Kb / 12P
   150Khz, 5A PWM Buck DC/DC Converter
More results

Similar Description - AP1501A-12T5L-U

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
   150Khz, 5A PWM Buck DC/DC Converter
AP1501A ANACHIP-AP1501A_1 Datasheet
203Kb / 12P
   150Khz, 5A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX3203 ETC-AX3203 Datasheet
190Kb / 7P
   150KHz, 5A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com