Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M5M51008DFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part No. M5M51008DFP
Description  1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M51008DFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M5M51008DFP Datasheet HTML 1Page - Renesas Technology Corp M5M51008DFP Datasheet HTML 2Page - Renesas Technology Corp M5M51008DFP Datasheet HTML 3Page - Renesas Technology Corp M5M51008DFP Datasheet HTML 4Page - Renesas Technology Corp M5M51008DFP Datasheet HTML 5Page - Renesas Technology Corp M5M51008DFP Datasheet HTML 6Page - Renesas Technology Corp M5M51008DFP Datasheet HTML 7Page - Renesas Technology Corp M5M51008DFP Datasheet HTML 8Page - Renesas Technology Corp M5M51008DFP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MITSUBISHI LSIs
M5M51008DFP,VP,RV,KV,KR -55H, -70H
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
Ver. 1.1
ABSOLUTE MAXIMUM RATINGS
CAPACITANCE
Symbol
Parameter
Test conditions
pF
pF
Unit
Max
10
Typ
Min
Limits
Input capacitance
Output capacitance
CI
CO
Parameter
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Unit
V
V
V
mW
°C
°C
Conditions
With respect to GND
Ta=25°C
700
0~70
– 65~150
Ratings
Symbol
Vcc
VI
VO
Pd
Topr
Tstg
DC ELECTRICAL CHARACTERISTICS (Ta=0~70°C, Vcc=5V±10%, unless otherwise noted)
Symbol
Parameter
V
V
V
Max
Typ
Limits
Min
Test conditions
Unit
V
µA
– 0.3*~7
– 0.3*~Vcc + 0.3
(Ta=0~70°C, Vcc=5V±10% unless otherwise noted)
0~Vcc
* –3.0V in case of AC ( Pulse width
≤ 50ns )
Note 3: Direction for current flowing into an IC is positive (no mark).
4: Typical value is Vcc = 5V, Ta = 25°C
mA
* –3.0V in case of AC ( Pulse width
≤ 50ns )
µA
µA
mA
V
Vcc + 0.3
0.8
2.2
0.3*
2.4
3
Stand-by current
0.4
±1
Active supply current
(AC, MOS level)
Active supply current
(AC, TTL level)
Vcc – 0.5
±1
80
VIH
VIL
VOH
VOL
II
IO
ICC1
ICC2
ICC3
ICC4
High-level input voltage
Low-level input voltage
High-level output voltage
Low-level output voltage
Input current
Output current in off-state
Stand-by current
IOH= 1.0mA
IOH= 0.1mA
IOL=2mA
VI=0~Vcc
S1=VIH or S2=VIL or OE=VIH
VI/O=0~VCC
S1=VIL,S2=VIH,
other inputs=VIH or VIL
Output-open(duty 100%)
1) S2
≤ 0.2V,
other inputs=0~VCC
2) S1
≥ VCC–0.2V,
S2
≥ VCC–0.2V,
other inputs=0~VCC
S1=VIH or S2=VIL,
other inputs=0~VCC
~25°C
~40°C
~70°C
-H
2
6
20
mA
15
1MHz
S1
≤ 0.2V, S2 ≥ VCC–0.2V
other inputs
≤ 0.2V or ≥ VCC–0.2V
Output-open(duty 100%)
85
15
70ns
55ns
70
70
1MHz
70ns
55ns
VO=GND,VO=25mVrms, f=1MHz
FP,VP,RV,KV
FP,VP,RV,KV
VI=GND, VI=25mVrms, f=1MHz
8
3
4
5
34
37
39
42


Similar Part No. - M5M51008DFP

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M51008DFP MITSUBISHI-M5M51008DFP Datasheet
70Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008DFP-55H MITSUBISHI-M5M51008DFP-55H Datasheet
70Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008DFP-70H MITSUBISHI-M5M51008DFP-70H Datasheet
70Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results

Similar Description - M5M51008DFP

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M512R88DJ-10 MITSUBISHI-M5M512R88DJ-10 Datasheet
62Kb / 6P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
Renesas Technology Corp
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008DFP MITSUBISHI-M5M51008DFP Datasheet
70Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008BFP MITSUBISHI-M5M51008BFP Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108CFP-70H MITSUBISHI-M5M5V108CFP-70H Datasheet
86Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108CFP-70HI MITSUBISHI-M5M5V108CFP-70HI Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M28F101AFP MITSUBISHI-M5M28F101AFP Datasheet
96Kb / 10P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
M5M5V216ATP MITSUBISHI-M5M5V216ATP Datasheet
111Kb / 7P
   2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz