Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HZK-L Datasheet(PDF) 2 Page - Renesas Technology Corp

Part No. HZK-L
Description  Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZK-L Datasheet(HTML) 2 Page - Renesas Technology Corp

  HZK-L Datasheet HTML 1Page - Renesas Technology Corp HZK-L Datasheet HTML 2Page - Renesas Technology Corp HZK-L Datasheet HTML 3Page - Renesas Technology Corp HZK-L Datasheet HTML 4Page - Renesas Technology Corp HZK-L Datasheet HTML 5Page - Renesas Technology Corp HZK-L Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HZK-L Series
Rev.3.00, May.14.2003, page 2 of 6
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Power dissipation
Pd *
400
mW
Junction temperature
Tj
175
°C
Storage temperature
Tstg
–55 to +175
°C
Note:
With P.C. Board.
Electrical Characteristics
(Ta = 25°C)
Zener Voltage
Reverse Current
Dynamic Resistance
V
Z (V)*
Test
Condition
I
R
µµµA)
Test
Condition
r
d (Ω
Ω)
Test
Condition
Type
Grade
Min
Max
I
Z (mA)
Max
V
R (V)
Max
I
Z (mA)
HZK6L
A
5.2
5.7
0.5
1
2.0
150
0.5
B5.5
6.0
80
C5.8
6.4
60
HZK7L
A
6.3
6.9
0.5
1
3.5
60
0.5
B6.7
7.3
C7.2
7.9
HZK9L
A
7.7
8.5
0.5
1
6.0
60
0.5
B8.3
9.1
C8.9
9.7
HZK11L A
9.5
10.3
0.5
1
8.0
80
0.5
B
10.2
11.1
C
10.9
11.9
HZK12L A
11.6
12.7
0.5
1
10.5
80
0.5
B
12.4
13.4
C
13.2
14.3
HZK15L
14.1
15.5
0.5
1
13.0
80
0.5
HZK16L
15.3
17.1
0.5
1
14.0
80
0.5
HZK18L
16.9
19.0
0.5
1
15.0
80
0.5
HZK20L
18.8
21.1
0.5
1
18.0
100
0.5
HZK22L
20.9
23.3
0.5
1
20.0
100
0.5
HZK24L
22.9
25.5
0.5
1
22.0
120
0.5
HZK27L
25.2
28.6
0.5
1
24.0
150
0.5
Note:
Tested with DC.
Type No. is as follows: HZK6AL, HZK6BL, ••• HZK36L.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn