Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVM187S Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HVM187S
Description  Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVM187S Datasheet(HTML) 3 Page - Renesas Technology Corp

  HVM187S Datasheet HTML 1Page - Renesas Technology Corp HVM187S Datasheet HTML 2Page - Renesas Technology Corp HVM187S Datasheet HTML 3Page - Renesas Technology Corp HVM187S Datasheet HTML 4Page - Renesas Technology Corp HVM187S Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVM187S
Rev.4.00, Oct.08.2003, page 3 of 4
Main Characteristic
0
0.2
0.4
0.6
0.8
1.0
080
20
60
40
100
0.1
10
100
10
1.0
1.0
1.0
10
10
–12
10
–8
10
–10
10
–4
10
–6
10
–2
10
–8
10
–9
10
–10
10
–11
10
–12
f = 100MHz
10
–5
10
–4
10
–3
10
–2
10
3
10
4
10
2
f = 1MHz
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
Forward current IF (A)
Fig.4 Forward resistance vs. Forward current
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Forward voltage VF (V)
Fig.1 Forward current vs. Forward voltage


Similar Part No. - HVM187S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVM187S HITACHI-HVM187S Datasheet
28Kb / 6P
   Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
More results

Similar Description - HVM187S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVB187YP RENESAS-HVB187YP Datasheet
147Kb / 5P
   Silicon Epitaxial Planar Pin Diode for High Frequency Attenuator
logo
Hitachi Semiconductor
HVM14 HITACHI-HVM14 Datasheet
27Kb / 6P
   Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM187WK HITACHI-HVM187WK Datasheet
28Kb / 6P
   Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
logo
Renesas Technology Corp
HVB190S RENESAS-HVB190S Datasheet
146Kb / 5P
   Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVC190 RENESAS-HVC190 Datasheet
142Kb / 5P
   Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
logo
Hitachi Semiconductor
1SV121 HITACHI-1SV121 Datasheet
22Kb / 3P
   Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
logo
Renesas Technology Corp
HVM189S RENESAS-HVM189S Datasheet
156Kb / 5P
   Silicon Epitaxial Planar Pin Diode for High Frequency Attenuator
HVB14S RENESAS-HVB14S Datasheet
146Kb / 5P
   Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM14 RENESAS-HVM14 Datasheet
56Kb / 5P
   Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM14S RENESAS-HVM14S Datasheet
70Kb / 5P
   Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM14SR RENESAS-HVM14SR Datasheet
71Kb / 5P
   Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com