Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL14KM-10A Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # FL14KM-10A
Description  MITSUBISHI POWER MOSFET HIGH-SPEED SWITCHING USE Nch POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FL14KM-10A Datasheet(HTML) 2 Page - Renesas Technology Corp

  FL14KM-10A Datasheet HTML 1Page - Renesas Technology Corp FL14KM-10A Datasheet HTML 2Page - Renesas Technology Corp FL14KM-10A Datasheet HTML 3Page - Renesas Technology Corp FL14KM-10A Datasheet HTML 4Page - Renesas Technology Corp FL14KM-10A Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are subject
to change.
Aug. 1999
10V DRIVE
VDSS ................................................................................ 500V
rDS (ON) (MAX) .............................................................. 0.64
ID ......................................................................................... 14A
q
q
q
q
q
Viso ................................................................................ 2000V
500
±30
14
42
14
40
–55 ~ +150
–55 ~ +150
2000
2.0
V
V
A
A
A
W
°C
°C
V
g
FL14KM-10A
10
± 0.3
2.8
± 0.2
φ 3.2 ± 0.2
1.1
± 0.2
1.1
± 0.2
0.75
± 0.15
2.54
± 0.25
2.54
± 0.25
0.75
± 0.15
Ž
Ž


Œ
Œ
ΠGATE
 DRAIN
Ž SOURCE
VGS = 0V
VDS = 0V
L = 200
µH
AC for 1minute, Terminal to case
Typical value
MITSUBISHI POWER MOSFET
FL14KM-10A
HIGH-SPEED SWITCHING USE
Nch POWER MOSFET
APPLICATION
Inverter type fluorescent light sets, SMPS
Parameter
Conditions
Symbol
Ratings
Unit
VDSS
VGSS
ID
IDM
IDA
PD
Tch
Tstg
Viso
Drain-source voltage
Gate-source voltage
Drain current
Drain current (Pulsed)
Avalanche current (Pulsed)
Maximum power dissipation
Channel temperature
Storage temperature
Isolation voltage
Weight
TO-220FN
OUTLINE DRAWING
Dimensions in mm
MAXIMUM RATINGS (Tc = 25°C)


Similar Part No. - FL14KM-10A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FL14KM-10A MITSUBISHI-FL14KM-10A Datasheet
71Kb / 4P
   HIGH-SPEED SWITCHING USE Nch POWER MOSFET
logo
Renesas Technology Corp
FL14KM-10A RENESAS-FL14KM-10A_15 Datasheet
95Kb / 7P
   HIGH-SPEED SWITCHING USE Nch POWER MOSFET
More results

Similar Description - FL14KM-10A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FL12KM-7A RENESAS-FL12KM-7A Datasheet
78Kb / 5P
   MITSUBISHI POWER MOSFET HIGH-SPEED SWITCHING USE Nch POWER MOSFET
FL20KM-5A RENESAS-FL20KM-5A Datasheet
71Kb / 5P
   MITSUBISHI POWER MOSFET HIGH-SPEED SWITCHING USE Nch POWER MOSFET
FY7BCH-02B RENESAS-FY7BCH-02B Datasheet
80Kb / 6P
   MITSUBISHI POWER MOSFET HIGH-SPEED SWITCHING USE Nch POWER MOSFET
FY8ACH-02A RENESAS-FY8ACH-02A Datasheet
91Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FY5ACH-03A RENESAS-FY5ACH-03A Datasheet
92Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS20KMA-5A RENESAS-FS20KMA-5A Datasheet
93Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FL10KM-12A RENESAS-FL10KM-12A Datasheet
93Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FL12KM-12A RENESAS-FL12KM-12A Datasheet
93Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS70UMH-03 RENESAS-FS70UMH-03 Datasheet
80Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FL14KM-8A RENESAS-FL14KM-8A Datasheet
89Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com