Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW15NB50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW15NB50
Description  N-CHANNEL 500V - 0.33ohm - 14.6A - T0-247/ISOWATT218 PowerMESH MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW15NB50 Datasheet(HTML) 1 Page - STMicroelectronics

  STW15NB50 Datasheet HTML 1Page - STMicroelectronics STW15NB50 Datasheet HTML 2Page - STMicroelectronics STW15NB50 Datasheet HTML 3Page - STMicroelectronics STW15NB50 Datasheet HTML 4Page - STMicroelectronics STW15NB50 Datasheet HTML 5Page - STMicroelectronics STW15NB50 Datasheet HTML 6Page - STMicroelectronics STW15NB50 Datasheet HTML 7Page - STMicroelectronics STW15NB50 Datasheet HTML 8Page - STMicroelectronics STW15NB50 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STW15NB50
STH15NB50FI
N-CHANNEL 500V - 0.33
Ω - 14.6A -
T0-247/ISOWATT218 PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 0.33
s
EXTREMELY HIGH dv/dt CAPABILITY
s
± 30V GATE TO SOURCE VOLTAGE RATING
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
process,
SGS-Thomson
has
designed
an
advanced
family
of
power
MOSFETs
with
outstanding performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Uni t
STW 15NB50
ST H15NB50FI
VDS
Drain-source Volt age (VGS =0)
500
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
500
V
VGS
Gat e-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
o C
14.6
10. 5
A
ID
Drain Current (continuous) at Tc =100
oC9.2
6.6
A
IDM(
•)
Drain Current (pulsed)
58.4
58. 4
A
Ptot
Tot al Dissipation at Tc =25
oC190
80
W
Derating F act or
0.64
1. 52
W/
oC
dv/dt(1)
Peak Diode Recovery voltage slope
4
V/ ns
VISO
Insulat ion Withstand Volt age (DC)
4000
V
Tstg
Storage T emperat ure
-65 to 150
oC
Tj
Max. O perating Junction Temperature
150
oC
TYPE
VDSS
RDS(on)
ID
ST W15NB50
ST H15NB50FI
500 V
500 V
<0.36
< 0.36 Ω
14.6 A
10.5 A
June 1998
1
2
3
TO-247
ISOWATT218
1
2
3
1/9


Similar Part No. - STW15NB50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW15N50 STMICROELECTRONICS-STW15N50 Datasheet
340Kb / 7P
   nullN-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
May 1993
STW15N80K5 STMICROELECTRONICS-STW15N80K5 Datasheet
1Mb / 22P
   N-channel 800 V, 0.3 ohm typ., 14 A SuperMESH 5 Power MOSFET
logo
Inchange Semiconductor ...
STW15N80K5 ISC-STW15N80K5 Datasheet
329Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STW15N95K5 STMICROELECTRONICS-STW15N95K5 Datasheet
1Mb / 18P
   Ultra low gate charge
February 2014 Rev 2
logo
Inchange Semiconductor ...
STW15N95K5 ISC-STW15N95K5 Datasheet
351Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STW15NB50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFP450 STMICROELECTRONICS-IRFP450 Datasheet
90Kb / 8P
   N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET
STW11NB80 STMICROELECTRONICS-STW11NB80 Datasheet
87Kb / 8P
   N-CHANNEL 800V - 0.65ohm - 11A - T0-247 PowerMESH MOSFET
STW13NB60 STMICROELECTRONICS-STW13NB60 Datasheet
111Kb / 9P
   N - CHANNEL 600V - 0.48ohm - 13A - TO-247/ISOWATT218 PowerMESH MOSFET
STW18NB40 STMICROELECTRONICS-STW18NB40 Datasheet
142Kb / 7P
   N-CHANNEL 400V - 0.19ohm - 18.4A TO-247/ISOWATT218 PowerMESH MOSFET
June 2002
STW10NC60 STMICROELECTRONICS-STW10NC60 Datasheet
337Kb / 9P
   N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?줚I MOSFET
logo
New Jersey Semi-Conduct...
IRFP450 NJSEMI-IRFP450 Datasheet
841Kb / 3P
   N - CHANNEL 500V - 0.33Q - 14A - TO-247 PowerMESH??MOSFET
logo
STMicroelectronics
STW20NB50 STMICROELECTRONICS-STW20NB50 Datasheet
86Kb / 8P
   N - CHANNEL 500V - 0.22ohm - 20A - TO-247 PowerMESH MOSFET
STW8NB90 STMICROELECTRONICS-STW8NB90 Datasheet
311Kb / 9P
   N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh??MOSFET
STW20NC50 STMICROELECTRONICS-STW20NC50 Datasheet
249Kb / 8P
   N-CHANNEL 500V - 0.22ohm - 18.4A TO-247 PowerMesh?줚I MOSFET
STW14NB50 STMICROELECTRONICS-STW14NB50 Datasheet
50Kb / 5P
   N-CHANNEL 500V - 0.40 ohm - 14A - TO-247 PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com