Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37160MF Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # M37160MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37160MF Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button M37160MF Datasheet HTML 89Page - Renesas Technology Corp M37160MF Datasheet HTML 90Page - Renesas Technology Corp M37160MF Datasheet HTML 91Page - Renesas Technology Corp M37160MF Datasheet HTML 92Page - Renesas Technology Corp M37160MF Datasheet HTML 93Page - Renesas Technology Corp M37160MF Datasheet HTML 94Page - Renesas Technology Corp M37160MF Datasheet HTML 95Page - Renesas Technology Corp M37160MF Datasheet HTML 96Page - Renesas Technology Corp M37160MF Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 131 page
background image
Rev.1.01
2003.11.13
page 93 of 130
M37160M8/MA/MF-XXXSP/FP,M37160EFSP/FP
Max.
30
45
200
2
100
10
0.4
3.0
0.4
0.6
1.3
5
5
130
VCC = 5.5V,
f(XIN) = 8.86MHz
VCC = 5.5V, f(XIN) = 0,
f(XCIN) = 32kHz,
OSD OFF,
Low-power dissipation mode set
(CM5 = “0”, CM6 = “1”)
VCC = 5.5 V, f(XcIN) = 4.43 MHz
VCC = 5.5 V, f(XIN) = 0,
f(XCIN) = 32 kHz,
Low-power dissipation mode set
(CM5 = “0”, CM6 = “1”)
VCC = 5.5V, f(XIN) = 0,
f(XCIN) = 0
VCC = 4.5 V
IOH = –0.5 mA
VCC = 4.5 V
IOL = 0.5 mA
VCC = 4.5 V
IOL = 10.0 mA
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.5 V
VI = 5.5 V
VCC = 5.5 V
VI = 0 V
VCC = 4.5 V
12. ELECTRIC CHARACTERISTICS (VCC = 5 V ± 10 %, VSS = 0 V, f(XIN) = 8.86 MHz, Ta = –10 °C to 70 °C, unless otherwise noted)
Notes 1: The total current that flows out of the IC must be 20 mA or less.
2: The total input current to IC (IOL1 + IOL2) must be 30 mA or less.
3: The total average input current for ports P24–P27 and AVCC–VSS to IC must be 20 mA or less.
4: Connect 0.1
µF or more capacitor externally between the power source pins VCC–VSS so as to reduce power source noise.
Also connect 0.1
µF or more capacitor externally between the pins VCC–CNVSS.
5: P06, P07, P16, P23, P24, P25 have hysteresis when used as interrupt input pins or timer input pins. P11–P14, P30, P31 have hysteresis when used as multi-
master I2C-BUS interface ports. P20–P22 have hysteresis when used as serial I/O pins.
6: Pin names in each parameter are described as below.
(1) Dedicated pins: dedicated pin names.
(2) Double-/triple-function ports
• Same limits: I/O port name.
• Functions other than ports vary from I/O port limits : function pin name.
HIGH output voltage
P10–P16, P20–P27,
P30, P31, P52–P55,
LOW output voltage
P00–P07, P10,
P15, P16, P20–P23,
P52–P55
LOW output voltage
P24– P27
LOW output voltage
P11–P14, P30, P32
Hysteresis (See note 6)
____________
RESET, P50, P51, INT1, INT2,
INT3, TIM2, TIM3, SIN, SCLK, SCL1,
SCL2, SCL3, SDA1, SDA2, SDA3
HIGH input leak current
P00–P07, P10–P16, P20–P27,
____________
P30, P31,P35–P37, RESET, P50, P51,
LOW input leak current
P00–P07, P10–P16, P20–P27, P30, P31,
____________
P35–P37, P50, P51, RESET
I2C-BUS • BUS switch connection resistor
(between SCL1 and SCL2, SDA1 and SDA2)
ICC
Symbol
Parametear
Test conditions
OSD OFF
OSD ON
Stop mode
Wait mode
System operation
Power source current
VOH
VOL
VT+ –VT
IIZH
IIZL
RBS
Test
circuit
1
Min.
2.4
Limits
IOL = 3 mA
IOL = 6 mA
Typ.
15
30
60
1
25
1
0.5
2
3
4
5
4
Unit
mA
µA
mA
µA
V
V
V
µA
µA


Similar Part No. - M37160MF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37160M8 RENESAS-M37160M8_15 Datasheet
1,009Kb / 133P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37160MF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com