Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17901 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HA17901
Description  Quadruple Comparators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17901 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HA17901 Datasheet HTML 1Page - Renesas Technology Corp HA17901 Datasheet HTML 2Page - Renesas Technology Corp HA17901 Datasheet HTML 3Page - Renesas Technology Corp HA17901 Datasheet HTML 4Page - Renesas Technology Corp HA17901 Datasheet HTML 5Page - Renesas Technology Corp HA17901 Datasheet HTML 6Page - Renesas Technology Corp HA17901 Datasheet HTML 7Page - Renesas Technology Corp HA17901 Datasheet HTML 8Page - Renesas Technology Corp HA17901 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HA17901 Series
Rev.1.00 Jun 15, 2005 page 4 of 12
Test Circuits
1. Input offset voltage (VIO), input offset current (IIO), and Input bias current (IIB) test circuit
V
+
+
VCC
RL 51k
VO
470
µ
SW2
Rf 5 k
R 20 k
R 20 k
SW1
RS 50
RS 50
VC2
VC1
Rf 5k
SW1
On
Off
On
Off
SW2
On
Off
Off
On
Vout
VO1
VO2
VO3
VO4
VC1 =
1
2
VCC
VC2 = 1.4V
VIO =
| V
O1 |
1 + Rf / RS
(mV)
IIO =
| V
O2 − VO1 |
R(1 + Rf / RS)
(nA)
IIB =
| V
O4 − VO3 |
2 . R(1 + Rf / RS)
(nA)
2. Output saturation voltage (VO sat) output sink current (Iosink), and common-mode input voltage (VCM) test circuit
VC1
VCC
50
50
50
5k
1.6k
1
SW1
SW3
2
1
2
Item
VOsat
VC1
2V
VC2
0V
VC3
SW1
1
SW2
1
SW3
1 at
VCC = 5V
3 at
VCC = 15V
Unit
V
Iosink 2V
0V
1.5V
1
1
2
mA
VCM
2V
–1 to
VCC
2
Switched
between
1 and 2
3V
+
SW2
VC2
4.87k
VC3
3. Supply current (ICC) test circuit
A
+
VCC
ICC: RL = ∞
1V


Similar Part No. - HA17901

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17901 HITACHI-HA17901 Datasheet
79Kb / 16P
   Quadruple Comparators
logo
List of Unclassifed Man...
HA17901 ETC2-HA17901 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Renesas Technology Corp
HA17901A RENESAS-HA17901A Datasheet
165Kb / 16P
   Quadruple Comparators
HA17901AFP RENESAS-HA17901AFP Datasheet
165Kb / 16P
   Quadruple Comparators
HA17901AP RENESAS-HA17901AP Datasheet
165Kb / 16P
   Quadruple Comparators
More results

Similar Description - HA17901

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17339A RENESAS-HA17339A Datasheet
159Kb / 15P
   Quadruple Comparators
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
   Quadruple Comparators
logo
Renesas Technology Corp
HA17339ATELL-E RENESAS-HA17339ATELL-E Datasheet
188Kb / 17P
   Quadruple Comparators
HA17901A RENESAS-HA17901A Datasheet
165Kb / 16P
   Quadruple Comparators
logo
Hitachi Semiconductor
HA17901 HITACHI-HA17901 Datasheet
79Kb / 16P
   Quadruple Comparators
logo
Renesas Technology Corp
HA17339A RENESAS-HA17339A_15 Datasheet
188Kb / 17P
   Quadruple Comparators
HA17901A RENESAS-HA17901A_15 Datasheet
194Kb / 18P
   Quadruple Comparators
logo
Linear Dimensions Semic...
LND339 LINEAR_DIMENSIONS-LND339 Datasheet
124Kb / 5P
   Quadruple Differential Comparators
logo
Texas Instruments
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374 Datasheet
771Kb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com