Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR8AM Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # CR8AM
Description  MITSUBISHI SEMICONDUCTOR THYRISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR8AM Datasheet(HTML) 6 Page - Renesas Technology Corp

  CR8AM Datasheet HTML 1Page - Renesas Technology Corp CR8AM Datasheet HTML 2Page - Renesas Technology Corp CR8AM Datasheet HTML 3Page - Renesas Technology Corp CR8AM Datasheet HTML 4Page - Renesas Technology Corp CR8AM Datasheet HTML 5Page - Renesas Technology Corp CR8AM Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈THYRISTOR〉
CR8AM
MEDIUM POWER USE
NON-INSULATED TYPE, GLASS PASSIVATION TYPE
50
35
15
10
5
40
45
30
20
25
0
20
0
4
101418
16
26
8
12
,,,,,,,,,,
,,,,,,,,,,
,,,,,,,,,,
,,,,,,,,,,
,,,,,,,,,,
,,,,,,,,,,
,,,,,,,,,,
,,,,,,,,,,
,,,,,,,,,,
,,,,,,,,,,
5.0
3.5
1.5
1.0
0.5
4.0
4.5
3.0
2.0
2.5
0
100
0
20
50
70
90
80
10
30 40
60
#
VD = 100V
RL = 12
Ta = 25°C
TYPICAL
EXAMPLE
IGT (25°C)
# 5.2mA
160
120
60
40
20
140
100
80
0
160
–40
0
40
80
120 140
–20
20
60
100
TYPICAL EXAMPLE
102
23
10–1
57 100 23 5 7 101 23 5 7 102
104
7
5
3
2
103
7
5
3
2
7
5
3
2
101
0.1s
tw
TYPICAL EXAMPLE
80
60
30
20
10
70
50
40
0
160
0
40
80
120 140
20
60
100
,,,,,,,,,,
,,,,,,,,,,
,,,,,,,,,,
,,,,,,,,,,
,,,,,,,,,,
,,,,,,,,,,
,,,,,,,,,,
,,,,,,,,,,
,,,,,,,,,,
,,,,,,,,,,
IT = 8A, – di/dt = 5A /µs,
VD = 300V, dv/dt = 20V/µs
VR = 50V
TYPICAL
EXAMPLE
DISTRIBUTION
160
60
–20
–40
0
20 40
80 100 120 140
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
TYPICAL EXAMPLE
DISTRIBUTION
HOLDING CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
GATE TRIGGER CURRENT VS.
GATE CURRENT PULSE WIDTH
GATE CURRENT PULSE WIDTH (µs)
REPETITIVE PEAK REVERSE VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
TURN-ON TIME VS. GATE CURRENT
GATE CURRENT (mA)
HOLDING CURRENT VS.
GATE TRIGGER CURRENT
GATE TRIGGER CURRENT (mA)
TURN-OFF TIME VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)


Similar Part No. - CR8AM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CR8AM MITSUBISHI-CR8AM Datasheet
70Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Powerex Power Semicondu...
CR8AM POWEREX-CR8AM Datasheet
85Kb / 6P
   Lead-mount, Phase Control SCR 8 Amperes/400-600 Volts
CR8AM400-12 POWEREX-CR8AM400-12 Datasheet
85Kb / 6P
   Lead-mount, Phase Control SCR 8 Amperes/400-600 Volts
CR8AM400-8 POWEREX-CR8AM400-8 Datasheet
85Kb / 6P
   Lead-mount, Phase Control SCR 8 Amperes/400-600 Volts
CR8AM600-12 POWEREX-CR8AM600-12 Datasheet
85Kb / 6P
   Lead-mount, Phase Control SCR 8 Amperes/400-600 Volts
More results

Similar Description - CR8AM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR6CM RENESAS-CR6CM Datasheet
104Kb / 6P
   MITSUBISHI SEMICONDUCTOR THYRISTOR
CR12AM RENESAS-CR12AM Datasheet
109Kb / 7P
   MITSUBISHI SEMICONDUCTOR THYRISTOR
CR3JM RENESAS-CR3JM Datasheet
98Kb / 5P
   MITSUBISHI SEMICONDUCTOR HIGH-SPEED SWITCHING THYRISTOR
BCR20KM RENESAS-BCR20KM Datasheet
177Kb / 12P
   MITSUBISHI SEMICONDUCTOR TRIAC
BCR08AM RENESAS-BCR08AM Datasheet
94Kb / 6P
   MITSUBISHI SEMICONDUCTOR
BCR16CS RENESAS-BCR16CS Datasheet
183Kb / 12P
   MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
BCR10PM RENESAS-BCR10PM Datasheet
193Kb / 12P
   MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
BCR08AS RENESAS-BCR08AS Datasheet
97Kb / 6P
   MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
BCR10CS RENESAS-BCR10CS Datasheet
184Kb / 12P
   MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
BCR16CM RENESAS-BCR16CM Datasheet
190Kb / 12P
   MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com