Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HA17384SPS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. HA17384SPS
Description  High Speed Current Mode PWM Control IC for Switching Power Supply
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HA17384SPS Datasheet(HTML) 3 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
HA17384SPS/SRP, HA17384HPS/HRP, HA17385HPS/HRP
Rev.3.00 Jun 15, 2005 page 3 of 28
Product Lineup
Package
Additional Function
UVL Power Supply
Threshold Voltage
DILP8 (DP-8B)
SOP8 (FP-8DC)
TSD
(Thermal shut-down
protection)
OVP
(Over voltage
protection)
VTH UVL (V) Typ
VTL UVL (V) Typ
HA17384SPS
HA17384SRP
HA17384HPS
HA17384HRP
16.0
10.0
HA17385HPS
HA17385HRP
8.4
7.6
Pin Arrangement
1
2
3
4
8
7
6
5
COMP
FB
CS
RT/CT
Vref
VIN
OUT
GND
(Top view)
Pin Function
Pin No.
Symbol
Function
Note
1
COMP
Error amplifier output pin
2
FB
Inverting input of error amp./OVP input pin
1
3
CS
Current sensing signal input pin
4
RT/CT
Timing resistance, timing capacitance connect pin
5
GND
Groung pin
6
OUT
PWM Pulse output pin
7
VIN
Power supply voltage input pin
8
Vref
Reference voltage 5V output pin
Note:
1. Overvoltage protection (OVP) input is usable only for the HA17384H and HA17385H.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
2SK1365FET Silicon N Channel MOS Type for High Speed High Current Switching Switching Power Supply 1 2 3 4 5 MoreToshiba Semiconductor
MP4209_07High Power High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver 1 2 3 4 5 MoreToshiba Semiconductor
MP4210_07High Power High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver 1 2 3 4 5 MoreToshiba Semiconductor
MP4211_07High Power High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver 1 2 3 4 5 MoreToshiba Semiconductor
33394Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver 1 2 3 4 5 MoreFreescale Semiconductor, Inc
HA16107PPWM Switching Regulator for High-performance Voltage Mode Control 1 2 3 4 5 MoreRenesas Technology Corp
MP4411_07High Power High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver 1 2 3 4 5 MoreToshiba Semiconductor
FSQ510_08Green Mode Fairchild Power Switch FPS for Valley Switching Converter - Low EMI and High Efficiency 1 2 3 4 5 MoreFairchild Semiconductor
MP4412_07High Power High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn