Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HA17384SPS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part No. HA17384SPS
Description  High Speed Current Mode PWM Control IC for Switching Power Supply
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HA17384SPS Datasheet(HTML) 1 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Rev.3.00 Jun 15, 2005 page 1 of 28
HA17384SPS/SRP, HA17384HPS/HRP,
HA17385HPS/HRP
High Speed Current Mode PWM Control IC
for Switching Power Supply
REJ03F0149-0300
(Previous: ADE-204-028B)
Rev.3.00
Jun 15, 2005
Description
The HA17384S/H and HA17385H are PWM control switching regulator IC series suitable for highspeed, current-mode
switching power supplies. With ICs from this series and a few external parts, a small, low cost flyback-transformer
switching power supply can be constructed, which facilitates good line regulation by current mode control.
Synchronous operation driven after an external signal can also be easily obtained which offers various applications such
as a power supply for monitors small multi-output power supply.
The IC series are composed of circuits required for a switching regulator IC. That is a under-voltage lockout (UVL), a
high precision reference voltage regulator (5.0 V ± 2%), a triangular wave oscillator for timing generation, a high-gain
error amplifier, and as totem pole output driver circuit which directly drives the gate of power MOSFETs found in main
switching devices. In addition, a pulse-by-pulse type, high-speed, current-detection comparator circuit with variable
detection level is incorporated which is required for current mode control.
The HA17384SPS includes the above basic function circuits. In addition to these basic functions, the H Series
incorporates thermal shut-down protection (TSD) and overvoltage protection (OVP) functions, for configuration of
switching power supplies that meet the demand for high safety levels.
Between the HA17384 and HA17385, only the UVL threshold voltages differ as shown in the product lineup table.(See
next page.)
This IC is pin compatible with the “3842 family” ICs made by other companies in the electronics industry. However,
due to the characteristics of linear ICs, it is not possible to achieve ICs that offer full compatibility in every detail.
Therefore, when using one of these ICs to replace another manufacturer’s IC, it must be recognized that it has different
electrical characteristics, and it is necessary to confirm that there is no problem with the power supply (mounting) set
used.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
2SK1365FET Silicon N Channel MOS Type for High Speed High Current Switching Switching Power Supply 1 2 3 4 5 MoreToshiba Semiconductor
MP4209_07High Power High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver 1 2 3 4 5 MoreToshiba Semiconductor
MP4210_07High Power High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver 1 2 3 4 5 MoreToshiba Semiconductor
MP4211_07High Power High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver 1 2 3 4 5 MoreToshiba Semiconductor
33394Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver 1 2 3 4 5 MoreFreescale Semiconductor, Inc
HA16107PPWM Switching Regulator for High-performance Voltage Mode Control 1 2 3 4 5 MoreRenesas Technology Corp
MP4411_07High Power High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver 1 2 3 4 5 MoreToshiba Semiconductor
FSQ510_08Green Mode Fairchild Power Switch FPS for Valley Switching Converter - Low EMI and High Efficiency 1 2 3 4 5 MoreFairchild Semiconductor
MP4412_07High Power High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn