Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HA17358B Datasheet(PDF) 5 Page - Renesas Technology Corp

Part No. HA17358B
Description  Dual Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HA17358B Datasheet(HTML) 5 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HA17358B Series
Rev.1.00 Dec 25, 2006 page 5 of 8
Typical Characteristics Curves
Supply voltage ±VCC (V)
Figure 1. Input Voltage vs. Supply Voltage
Figure 2. Input Bias Current vs. Temperature
05
10
5
10
15
Supply voltage ±VCC (V)
08
416
12
20
15
0
Temperature Ta (°C)
–40
–20
0
20
40
60
10
30
20
80
50
40
0
80
100
140
120
60
Figure 3. Supply Current vs. Supply Voltage
Figure 4. Voltage Gain vs. Supply Voltage
Frequency f (Hz)
11 k
100
10
100 k
10 k
1 M
Supply voltage VCC (V)
015
510
30
35
20
25
40
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Figure 5. Voltage Gain vs. Frequency
Figure 6 Output Swing Voltage vs. Frequency
Frequency f (Hz)
100
1 k
100 k
10 k
1 M
0
10
20
30
40
50
60
70
80
90
100
110
120
0
5
10
15
20
Ta = 25°C
Nagative
Positive
Ta = 25°C
VCC = 15 V
Ta = 25°C
VCC = 15 V
Ta = 25°C
Ta = 25°C
RL = 20 kΩ
RL = 2 kΩ
VCC = 5 V


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TS982Wide bandwidth dual bipolar operational amplifier 1 2 3 4 5 MoreSTMicroelectronics
HA1630D08Dual CMOS High Drive Operational Amplifier 1 2 3 4 5 MoreRenesas Technology Corp
HA17358ADual Operational Amplifier 1 2 3 4 5 MoreRenesas Technology Corp
RC4580_07DUAL AUDIO OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreTexas Instruments
OPA2107Precision Dual Difet Operational Amplifier 1 2 3 4 5 MoreBurr-Brown (TI)
MC33078_06Low Noise Dual Operational Amplifier 1 2 3 4 5 MoreSTMicroelectronics
LMV358Dual Low Voltage Operational Amplifier 1 2 3 4 5 MoreTAITRON Components Incorporated
LM2904_08Low power dual operational amplifier 1 2 3 4 5 MoreSTMicroelectronics
LMV7165 MHz Low Noise RRO Dual Operational Amplifier with CMOS Input 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2904W_06Low power dual operational amplifier 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn