Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16142FP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HA16142FP
Description  PFC and PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16142FP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HA16142FP Datasheet HTML 3Page - Renesas Technology Corp HA16142FP Datasheet HTML 4Page - Renesas Technology Corp HA16142FP Datasheet HTML 5Page - Renesas Technology Corp HA16142FP Datasheet HTML 6Page - Renesas Technology Corp HA16142FP Datasheet HTML 7Page - Renesas Technology Corp HA16142FP Datasheet HTML 8Page - Renesas Technology Corp HA16142FP Datasheet HTML 9Page - Renesas Technology Corp HA16142FP Datasheet HTML 10Page - Renesas Technology Corp HA16142FP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
HA16141P/FP, HA16142P/FP
Rev.5.00 Jun 15, 2005 page 7 of 17
Electrical Characteristics (cont.)
(Ta = 25
°C, V
CC = 14 V)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
fpwm
170
200
230
kHz
Measured pin: PWM-OUT
Initial accuracy
fpfc
85
100
115
kHz
Measured pin: PFC-OUT
fpwm temperature
stability
dfpwm/dTa
±0.1
%/
°C
Ta =
−40 to 105°C *1
fpwm voltage stability
fpwm(line)
–1.5
+0.5
+1.5
%
VCC = 12V to 18V
Ramp peak voltage
Vramp-H
3.4
3.6
V
Oscillator
Ramp valley volatge
Vramp-L
0.65
V
*
1
PFC on voltage
Von-pfc
1.3
1.5
1.7
V
PFC off voltage
Voff-pfc
1.0
1.2
1.4
V
PFC on-off hysteresis
dVon-off
0.15
0.30
0.45
V
PFC-ON
Input current
Ipfc-on
0.1
1.0
µA
PFC-ON = 2V
PFC GOOD
threshold voltage
Vb-good
2.29
2.34
2.39
V
Input pin: PFC-FB
PFC FAIL
threshold voltage
Vb-fail
1.66
1.70
1.74
V
Input pin: PFC-FB
+B High
PFC inhibit voltage
Vb-h
2.69
2.75
2.81
V
Input pin: PFC-FB
+B High
PFC restart voltage
Vb-res
2.54
2.60
2.66
V
Input pin: PFC-FB
PG leak current
Ioff-pg
0.001
1.0
µA
PG = 5V
PG shunt current
Ion-pg
5
15
mA
PG = 3V *2
Supervisor/
PG
Delay to
PG
tg-pg
0.2
1
µs
Step signal (5 to 0V) to
PFC-ON
O.C threshold voltage
VOC
0.27
0.30
0.33
V
PWM-CS threshold
voltage
VCS
0.9
1.0
1.1
V
O.C
(Over
Current
Detector)
O.C input current
IOC
–0.1
–1.0
µA
O.C = 0V
Sink current
Isnk-tim
3.9
5.2
6.5
µA
TIM = 2V
Source current
O.C trigger
Isrc-tim1
–16
–21
–26
µA
TIM = 2V, O.C = 0.5V *
1
Source Current
PWM-CS trigger
Isrc-tim2
–25
–33
–41
µA
TIM = 2V, PWM-CS = 2V
*
1
Integrated time
O.C trigger
t-tim1
88
110
132
µs
Step signal (0 to 1V) to
O.C,
Ctim
=
1000p,
Measured pin:
PG
Integrator
Integrated Time
PWM-CS trigger
t-tim2
53
67
81
µs
Step signal (0 to 2V) to
PWM-CS, Ctim = 1000p,
Measured pin:
PG
Notes: 1. Design spec.
2. Maximum rating of PG current is 15 mA. Use series resistor to limit PG current lower than 15 mA.


Similar Part No. - HA16142FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16142FP RENESAS-HA16142FP Datasheet
213Kb / 20P
   PFC and PWM Controller
Preliminary Rev.4 Sep. 2001
logo
Hitachi Semiconductor
HA16142FP HITACHI-HA16142FP Datasheet
239Kb / 18P
   PFC and PWM Controller
More results

Similar Description - HA16142FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16142FP RENESAS-HA16142FP Datasheet
213Kb / 20P
   PFC and PWM Controller
Preliminary Rev.4 Sep. 2001
logo
Hitachi Semiconductor
HA16141P HITACHI-HA16141P Datasheet
239Kb / 18P
   PFC and PWM Controller
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com