Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16150P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HA16150P
Description  High-Speed Current Mode Push-Pull PWM Control IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16150P Datasheet(HTML) 3 Page - Renesas Technology Corp

  HA16150P Datasheet HTML 1Page - Renesas Technology Corp HA16150P Datasheet HTML 2Page - Renesas Technology Corp HA16150P Datasheet HTML 3Page - Renesas Technology Corp HA16150P Datasheet HTML 4Page - Renesas Technology Corp HA16150P Datasheet HTML 5Page - Renesas Technology Corp HA16150P Datasheet HTML 6Page - Renesas Technology Corp HA16150P Datasheet HTML 7Page - Renesas Technology Corp HA16150P Datasheet HTML 8Page - Renesas Technology Corp HA16150P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
HA16150T/P
Rev.3.00 Jan 30, 2007 page 3 of 24
Block Diagram
Driver
R
2R
400
µA
1.4V
CT
VREF
Vcc
Vcc
Vcc
PGND
4V
VREF
300
µA
VREF
0.5V
IN
OUT
1.1V
16
15
REMOTE
8
SS
7
CT
2
INM
1
3
EOUT
4
CSLIM
INP
6
RT
VREF
14
10 TDB
11 OUT1
13 OUT2
12 PGND
5CS
9 SGND
VCC
Vref
Generator
Vref
Good
UVL
Vref good
Vref good
Vref good
Vref good
REMOTE
Comp.
22.2V
TDB
Comp.
5
µA
VREF
VREF
TDB
Latch
CS
Latch
S
R
Q
Q
R
S
Q
Q
R
S
Q
Q
D
CK
Q
Q
1/2 Divider
SS
Ramp
SS Ramp
SS Comp.
Blanking Enable
Comp.
65ns
Blanking
Pulse
CS Comp.
(VCOMP-2VF)/3
E-Amp.
Oscillator
Single End
Comp.
UVL


Similar Part No. - HA16150P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16158FP RENESAS-HA16158FP Datasheet
248Kb / 23P
   PFC & PWM Control IC
HA16158FP RENESAS-HA16158FP Datasheet
227Kb / 24P
   PFC & PWM Control IC
HA16158P RENESAS-HA16158P Datasheet
248Kb / 23P
   PFC & PWM Control IC
HA16158P RENESAS-HA16158P Datasheet
227Kb / 24P
   PFC & PWM Control IC
HA16158P RENESAS-HA16158P_07 Datasheet
227Kb / 24P
   PFC & PWM Control IC
More results

Similar Description - HA16150P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_08 Datasheet
250Kb / 11P
[Old version datasheet]   LOW POER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI-UCC2808A-1EP Datasheet
181Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
   100V Push-Pull Current Mode PWM Controller
logo
Texas Instruments
UCC3808 TI-UCC3808 Datasheet
152Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC1808- TI-UCC1808- Datasheet
148Kb / 7P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_15 Datasheet
812Kb / 17P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI1-UCC2808A-1_16 Datasheet
719Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI1-UCC2808A-1EP_14 Datasheet
731Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com