Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW10NC70Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW10NC70Z
Description  N-CHANNEL 700V - 0.58 ohm - 10.6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW10NC70Z Datasheet(HTML) 3 Page - STMicroelectronics

  STW10NC70Z Datasheet HTML 1Page - STMicroelectronics STW10NC70Z Datasheet HTML 2Page - STMicroelectronics STW10NC70Z Datasheet HTML 3Page - STMicroelectronics STW10NC70Z Datasheet HTML 4Page - STMicroelectronics STW10NC70Z Datasheet HTML 5Page - STMicroelectronics STW10NC70Z Datasheet HTML 6Page - STMicroelectronics STW10NC70Z Datasheet HTML 7Page - STMicroelectronics STW10NC70Z Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
STW10NC70Z
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON (RESISTIVE LOAD)
SWITCHING OFF (INDUCTIVE LOAD)
SOURCE DRAIN DIODE
GATE-SOURCE ZENER DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
3. ∆VBV = αT (25°-T) BVGSO(25°)
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to souce. In this respect the 25V Zener voltage is appropiate to achieve an efficient and
cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the
usage of external components.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VDD = 350V, ID = 5.3A
RG = 4.7Ω VGS = 10V
(see test circuit, Figure 3)
36
ns
tr
Rise Time
12
ns
Qg
Total Gate Charge
VDD = 560V, ID = 10.6 A,
VGS = 10V
72
100
nC
Qgs
Gate-Source Charge
19
nC
Qgd
Gate-Drain Charge
24
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(Voff)
Off-voltage Rise Time
VDD = 560V, ID = 10.6 A,
RG =4.7Ω, VGS = 10V
(see test circuit, Figure 5)
36
ns
tf
Fall Time
36
ns
tc
Cross-over Time
77
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
10.6
A
ISDM (2)
Source-drain Current (pulsed)
42
A
VSD (1)
Forward On Voltage
ISD = 10.6 A, VGS = 0
1.6
V
trr
Reverse Recovery Time
ISD = 10.6 A, di/dt = 100A/µs,
VDD = 50V, Tj = 150°C
(see test circuit, Figure 5)
660
ns
Qrr
Reverse Recovery Charge
8.7
µC
IRRM
Reverse Recovery Current
26
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVGSO
Gate-Source Breakdown
Voltage
Igs=± 1mA (Open Drain)
25
V
αT
Voltage Thermal Coefficient
T=25°C Note(3)
1.3
10-4/°C
Rz
Dynamic Resistance
IGS = 50 mA
90


Similar Part No. - STW10NC70Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW10NC60 STMICROELECTRONICS-STW10NC60 Datasheet
337Kb / 9P
   N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?줚I MOSFET
More results

Similar Description - STW10NC70Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW8NC80Z STMICROELECTRONICS-STW8NC80Z Datasheet
263Kb / 8P
   N-CHANNEL 700V - 1.1 ohm - 7A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STW8NC70Z STMICROELECTRONICS-STW8NC70Z Datasheet
240Kb / 8P
   N-CHANNEL 700V - 1.1 ohm - 7A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STW9NC70Z STMICROELECTRONICS-STW9NC70Z Datasheet
248Kb / 8P
   N-CHANNEL 700V - 0.90 ohm - 7.5A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STW8NC90Z STMICROELECTRONICS-STW8NC90Z Datasheet
251Kb / 8P
   N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STW6NC90Z STMICROELECTRONICS-STW6NC90Z Datasheet
243Kb / 8P
   N-CHANNEL 900V - 2.1ohm - 5.2A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STW7NC90Z STMICROELECTRONICS-STW7NC90Z Datasheet
243Kb / 8P
   N-CHANNEL 900V - 1.55ohm - 6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STW9NC80Z STMICROELECTRONICS-STW9NC80Z Datasheet
248Kb / 8P
   N-CHANNEL 800V - 0.82ohm - 9.4A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STW7NC80Z STMICROELECTRONICS-STW7NC80Z Datasheet
248Kb / 8P
   N-CHANNEL 800V - 1.5ohm - 6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STP3NC70Z STMICROELECTRONICS-STP3NC70Z Datasheet
324Kb / 10P
   N-CHANNEL 700V - 4.1ohm - 2.5A TO-220/TO-220FP Zener-Protected PowerMESH?줚II MOSFET
STD2NC70Z STMICROELECTRONICS-STD2NC70Z Datasheet
447Kb / 10P
   N-CHANNEL 700V - 4.1ohm - 2.3A DPAK/IPAK Zener-Protected PowerMESH?줚II MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com