Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW10NB60 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW10NB60
Description  N - CHANNEL 600V - 0.69ohm - 10A - TO-247 PowerMESH MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW10NB60 Datasheet(HTML) 3 Page - STMicroelectronics

  STW10NB60 Datasheet HTML 1Page - STMicroelectronics STW10NB60 Datasheet HTML 2Page - STMicroelectronics STW10NB60 Datasheet HTML 3Page - STMicroelectronics STW10NB60 Datasheet HTML 4Page - STMicroelectronics STW10NB60 Datasheet HTML 5Page - STMicroelectronics STW10NB60 Datasheet HTML 6Page - STMicroelectronics STW10NB60 Datasheet HTML 7Page - STMicroelectronics STW10NB60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING ON
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Time
Rise Time
VDD =300 V
ID = 4.5 A
RG =4.7
VGS =10 V
(see t est circuit, f igure 3)
25
11
35
15
ns
ns
Qg
Q gs
Qgd
Tot al G ate Charge
Gat e-Source Charge
Gat e-Drain Charge
VDD = 480 V
ID =9 A VGS =10 V
RG =4.7
VGS =10 V
40
10.5
17.5
56
nC
nC
nC
SWITCHING OFF
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
tr(Voff)
tf
tc
Off -volt age Rise T ime
Fall T ime
Cross-over Time
VDD =480 V
ID =9 A
RG =4.7
Ω VGS =10 V
(see t est circuit, f igure 5)
12
10
21
17
14
29
ns
ns
ns
SOURCE DRAIN DIODE
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
ISD
ISDM (
•)
Source-drain Current
Source-drain Current
(pulsed)
10
40
A
A
VSD (
∗)Forward On Voltage
ISD =10 A
VGS =0
1. 6
V
trr
Qrr
IRRM
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD =9 A
di/dt = 100 A/
µs
VDD = 100 V
Tj =150
oC
(see t est circuit, f igure 5)
600
5.4
18
ns
µC
A
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
•) Pulse width limited by safe operating area
Safe Operating Area
Thermal Impedance
STW10NB60
3/8


Similar Part No. - STW10NB60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW10N105K5 STMICROELECTRONICS-STW10N105K5 Datasheet
724Kb / 18P
   Ultra low gate charge
October 2014 Rev 2
STW10N95K5 STMICROELECTRONICS-STW10N95K5 Datasheet
1Mb / 22P
   Switching applications
January 2014 Rev 3
STW10NA50 STMICROELECTRONICS-STW10NA50 Datasheet
243Kb / 11P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STW10NC60 STMICROELECTRONICS-STW10NC60 Datasheet
337Kb / 9P
   N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?줚I MOSFET
STW10NC70Z STMICROELECTRONICS-STW10NC70Z Datasheet
249Kb / 8P
   N-CHANNEL 700V - 0.58 ohm - 10.6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
More results

Similar Description - STW10NB60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW10NC60 STMICROELECTRONICS-STW10NC60 Datasheet
337Kb / 9P
   N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?줚I MOSFET
STW16NB60 STMICROELECTRONICS-STW16NB60 Datasheet
252Kb / 8P
   N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMesh??MOSFET
STW12NB60 STMICROELECTRONICS-STW12NB60 Datasheet
250Kb / 8P
   N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh?줚I MOSFET
STGW12NB60H STMICROELECTRONICS-STGW12NB60H Datasheet
86Kb / 8P
   N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
STGW30NB60HD STMICROELECTRONICS-STGW30NB60HD Datasheet
91Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STW13NB60 STMICROELECTRONICS-STW13NB60 Datasheet
111Kb / 9P
   N - CHANNEL 600V - 0.48ohm - 13A - TO-247/ISOWATT218 PowerMESH MOSFET
STGW12NB60HD STMICROELECTRONICS-STGW12NB60HD Datasheet
90Kb / 8P
   N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
STGW20NB60H STMICROELECTRONICS-STGW20NB60H Datasheet
85Kb / 8P
   N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
STGW20NB60HD STMICROELECTRONICS-STGW20NB60HD Datasheet
90Kb / 8P
   N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
STGW30NB60H STMICROELECTRONICS-STGW30NB60H Datasheet
86Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com