Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT2058RJ-EL-E Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HAT2058RJ-EL-E
Description  Silicon N Channel Power MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2058RJ-EL-E Datasheet(HTML) 1 Page - Renesas Technology Corp

  HAT2058RJ-EL-E Datasheet HTML 1Page - Renesas Technology Corp HAT2058RJ-EL-E Datasheet HTML 2Page - Renesas Technology Corp HAT2058RJ-EL-E Datasheet HTML 3Page - Renesas Technology Corp HAT2058RJ-EL-E Datasheet HTML 4Page - Renesas Technology Corp HAT2058RJ-EL-E Datasheet HTML 5Page - Renesas Technology Corp HAT2058RJ-EL-E Datasheet HTML 6Page - Renesas Technology Corp HAT2058RJ-EL-E Datasheet HTML 7Page - Renesas Technology Corp HAT2058RJ-EL-E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.2.00 Sep 07, 2005 page 1 of 7
HAT2058R, HAT2058RJ
Silicon N Channel Power MOS FET
High Speed Power Switching
REJ03G1174-0200
(Previous: ADE-208-934)
Rev.2.00
Sep 07, 2005
Features
• Low on-resistance
• Capable of 4 V gate drive
• Low drive current
• High density mounting
• “J” is for Automotive application
High temperature D-S leakage guarantee
Avalanche rating
Outline
RENESAS Package code: PRSP0008DD-D
(Package name: SOP-8 <FP-8DAV> )
1, 3
Source
2, 4
Gate
5, 6, 7, 8
Drain
G
D
S
D
G
D
S
D
MOS1
MOS2
1
2
78
4
56
3
1 2
3 4
5
6
7
8


Similar Part No. - HAT2058RJ-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2058RJ RENESAS-HAT2058RJ Datasheet
86Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - HAT2058RJ-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2026R RENESAS-HAT2026R_15 Datasheet
108Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R_15 Datasheet
249Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE Datasheet
126Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R Datasheet
86Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT2025R HITACHI-HAT2025R Datasheet
51Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2033R HITACHI-HAT2033R Datasheet
56Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2049T HITACHI-HAT2049T Datasheet
52Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2050T HITACHI-HAT2050T Datasheet
57Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
RJK0631JPD RENESAS-RJK0631JPD_13 Datasheet
99Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE_13 Datasheet
101Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2092R RENESAS-HAT2092R Datasheet
80Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com