Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16114PJ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HA16114PJ
Description  Switching Regulator for Chopper Type DC/DC Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16114PJ Datasheet(HTML) 3 Page - Renesas Technology Corp

  HA16114PJ Datasheet HTML 1Page - Renesas Technology Corp HA16114PJ Datasheet HTML 2Page - Renesas Technology Corp HA16114PJ Datasheet HTML 3Page - Renesas Technology Corp HA16114PJ Datasheet HTML 4Page - Renesas Technology Corp HA16114PJ Datasheet HTML 5Page - Renesas Technology Corp HA16114PJ Datasheet HTML 6Page - Renesas Technology Corp HA16114PJ Datasheet HTML 7Page - Renesas Technology Corp HA16114PJ Datasheet HTML 8Page - Renesas Technology Corp HA16114PJ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
HA16114P/PJ/FP/FPJ, HA16120FP/FPJ
Rev.2.0, Sep.18.2003, page 3 of 37
Pin Arrangement
(Top view)
116
Note: 1. Pin 1 (GND) and Pin 8 (P.GND) must be connected each other with external wire.
215
314
413
512
611
710
8
Vref
ADJ
DB
ON/
OFF
TM
CL(
−)
VIN
OUT
9
GND*1
SYNC
RT
CT
IN(
−)
E/O
IN(+)
P.GND*1
Pin Description
Pin No.
Symbol
Function
1
GND
Signal ground
2
SYNC
External sync signal input (synchronized with falling edge)
3R
T
Oscillator timing resistor connection (bias current control)
4C
T
Oscillator timing capacitor connection (sawtooth voltage output)
5
IN(–)
Inverting input to error amplifier
6
E/O
Error amplifier output
7
IN(+)
Non-inverting input to error amplifier
8
P.GND
Power ground
9
OUT
Output (pulse output to gate of power MOS FET)
10
V
IN
Power supply input
11
CL(–)
Inverting input to current limiter
12
TM
Timer setting for intermittent shutdown when overcurrent is detected
(sinks timer transistor current)
13
ON/
OFF
IC on/off control (off below approximately 0.7 V)
14
DB
Dead-band duty cycle control input
15
ADJ
Reference voltage (Vref) adjustment input
16
Vref
2.5 V reference voltage output


Similar Part No. - HA16114PJ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16114PJ HITACHI-HA16114PJ Datasheet
275Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
More results

Similar Description - HA16114PJ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16116FP HITACHI-HA16116FP Datasheet
250Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Renesas Technology Corp
HA16116FP RENESAS-HA16116FP Datasheet
439Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Hitachi Semiconductor
HA16114P HITACHI-HA16114P Datasheet
275Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Toshiba Semiconductor
2SK2311 TOSHIBA-2SK2311_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter and Switching Regulator Applications
2SK2998 TOSHIBA-2SK2998_10 Datasheet
382Kb / 6P
   Chopper Regulator, DC−DC Converter Applications
2SK2884 TOSHIBA-2SK2884_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter Applications
2SK4023 TOSHIBA-2SK4023 Datasheet
215Kb / 6P
   Switching Regulator, DC/DC Converter
2SK4023 TOSHIBA-2SK4023_09 Datasheet
188Kb / 6P
   Switching Regulator, DC/DC Converter
2SK2266 TOSHIBA-2SK2266_09 Datasheet
441Kb / 6P
   Chopper Regulator, DC- DC Converter and Motor Drive
2SK4003 TOSHIBA-2SK4003_09 Datasheet
145Kb / 3P
   Chopper Regulator, DC-DC Converter and Motor Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com