Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16114 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HA16114
Description  Switching Regulator for Chopper Type DC/DC Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16114 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HA16114 Datasheet HTML 2Page - Renesas Technology Corp HA16114 Datasheet HTML 3Page - Renesas Technology Corp HA16114 Datasheet HTML 4Page - Renesas Technology Corp HA16114 Datasheet HTML 5Page - Renesas Technology Corp HA16114 Datasheet HTML 6Page - Renesas Technology Corp HA16114 Datasheet HTML 7Page - Renesas Technology Corp HA16114 Datasheet HTML 8Page - Renesas Technology Corp HA16114 Datasheet HTML 9Page - Renesas Technology Corp HA16114 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
HA16114P/PJ/FP/FPJ, HA16120FP/FPJ
Rev.2.0, Sep.18.2003, page 6 of 37
Guide to the Functional Description
The description covers the topics indicated below.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND*1
SYNC
RT
CT
IN(
−)
E/O
IN(+)
P.GND*1
Vref
ADJ
DB
ON/
OFF
TM
CL(
−)
VIN
OUT
1.
2.
3.
4.
5.
6.
7.
8.
Oscillator
frequency
(f
) control and
synchronization
OSC
DC/DC output
voltage setting
and error
amplifier usage
Dead-band and
soft-start settings
Output stage and
power MOS FET
driving method
Vref adjustment,
undervoltage
lockout, and
overcurrent
protection
Intermittent
mode timing
during
overcurrent
Setting of
current limit
(Top view)
Note: 1.
ON/
OFF pin
usage
P.GND is a high-current (
±1 A maximum peak) ground pin connected to the totem-pole output circuit.
GND is a low-current ground pin connected to the Vref voltage reference. Both pins must be grounded.
1. Sawtooth Oscillator (Triangle Wave)
1.1 Operation and Frequency Control
The sawtooth wave is a voltage waveform from which the PWM pulses are created (See figure 1). The
sawtooth oscillator operates as follows. A constant current I
O determined by an external timing resistor RT
is fed continuously to an external timing capacitor C
T.
When the C
T pin voltage exceeds a comparator
threshold voltage V
TH, the comparator output opens a switching transistor, allowing a 3IO discharge current
to flow from C
T.
When the C
T pin voltage drops below a threshold voltage VTL, the comparator output
closes the switching transistor, stopping the 3I
O discharge.
Repetition of these operations generates a
sawtooth wave.
The value of I
O is 1.1 V/RT Ω.
The I
O current mirror has a limited current capacity, so RT should be at least
5 k
Ω (I
O ≤ 220 µA).
Internal resistances R
A, RB, and RC set the peak and valley voltages VTH and VTL of the sawtooth waveform at
approximately 1.6 V and 1.0 V.


Similar Part No. - HA16114

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16114 RENESAS-HA16114 Datasheet
439Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Hitachi Semiconductor
HA16114FP HITACHI-HA16114FP Datasheet
275Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
HA16114FPJ HITACHI-HA16114FPJ Datasheet
275Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
HA16114P HITACHI-HA16114P Datasheet
275Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
HA16114PJ HITACHI-HA16114PJ Datasheet
275Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
More results

Similar Description - HA16114

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16116FP HITACHI-HA16116FP Datasheet
250Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Renesas Technology Corp
HA16116FP RENESAS-HA16116FP Datasheet
439Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Hitachi Semiconductor
HA16114P HITACHI-HA16114P Datasheet
275Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Toshiba Semiconductor
2SK2311 TOSHIBA-2SK2311_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter and Switching Regulator Applications
2SK2998 TOSHIBA-2SK2998_10 Datasheet
382Kb / 6P
   Chopper Regulator, DC−DC Converter Applications
2SK2884 TOSHIBA-2SK2884_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter Applications
2SK4023 TOSHIBA-2SK4023 Datasheet
215Kb / 6P
   Switching Regulator, DC/DC Converter
2SK4023 TOSHIBA-2SK4023_09 Datasheet
188Kb / 6P
   Switching Regulator, DC/DC Converter
2SK2266 TOSHIBA-2SK2266_09 Datasheet
441Kb / 6P
   Chopper Regulator, DC- DC Converter and Motor Drive
2SK4003 TOSHIBA-2SK4003_09 Datasheet
145Kb / 3P
   Chopper Regulator, DC-DC Converter and Motor Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com