Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1631S03CM Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HA1631S03CM
Description  Single CMOS Comparator (Push Pull/Open Drain Output)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1631S03CM Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HA1631S03CM Datasheet HTML 2Page - Renesas Technology Corp HA1631S03CM Datasheet HTML 3Page - Renesas Technology Corp HA1631S03CM Datasheet HTML 4Page - Renesas Technology Corp HA1631S03CM Datasheet HTML 5Page - Renesas Technology Corp HA1631S03CM Datasheet HTML 6Page - Renesas Technology Corp HA1631S03CM Datasheet HTML 7Page - Renesas Technology Corp HA1631S03CM Datasheet HTML 8Page - Renesas Technology Corp HA1631S03CM Datasheet HTML 9Page - Renesas Technology Corp HA1631S03CM Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
HA1631S01/02/03/04 Series
Rev.2.00 Mar 10, 2006 page 6 of 22
Figure 1-7 HA1631S01
Input Offset Voltage vs. Ambient Temperature
4
–4
–3
–2
–1
0
1
2
3
–50
–25
0
25
Ambient Temperature Ta (°C)
50
75
100
VDD = 1.8V, VIN = 0.9V
VDD = 3.0V, VIN = 1.5V
VDD = 5.0V, VIN = 2.5V
–50
–25
0
25
50
75
100
Figure 1-11 HA1631S01
Input Bias Current vs. Ambient Temperature
200
–200
–100
0
100
Ambient Temperature Ta (°C)
VDD = 3.0V
Supply Voltage VDD to VSS (V)
Figure 1-9 HA1631S01
Power Supply Rejection Ratio vs. Supply Voltage
1234567
120
0
20
40
60
80
100
Ta = 25°C
VIN = 0.0V
VDD = 0.0 to 2.75V
VSS = 0.0 to –2.75V
VDD & VSS
Simultaneous Sweep
Figure 1-10 HA1631S01
Common Mode Rejection Ratio vs. Input Voltage
–2.0
–1.5
–1.0
0.0
–0.5
Input Voltage VIN (V)
0.5
1.0
120
0
20
40
60
80
100
Ta = 25°C
VDD = 1.5V
VSS = –1.5V
–50
–25
0
25
50
75
100
Figure 1-8 HA1631S01
Common Mode Input Voltage vs. Ambient Temperature
2.5
–1.0
–0.5
0.0
0.5
1.0
1.5
2.0
Ambient Temperature Ta (°C)
VCM+
VCM
VDD = 3.0V
Common Mode
Input Voltage Range
0.0
0.5
1.0
1.5
Input Voltage VIN (V)
2.0
2.5
3.0
Figure 1-12 HA1631S01
Input Bias Current vs. Input Voltage
200
–200
–100
0
100
Ta = 25°C
VDD = 3.0V


Similar Part No. - HA1631S03CM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1631S03CM RENESAS-HA1631S03CM Datasheet
272Kb / 23P
   Single CMOS Comparator (Push Pull/Open Drain Output)
More results

Similar Description - HA1631S03CM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1631S01 RENESAS-HA1631S01 Datasheet
272Kb / 23P
   Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631S01020304 RENESAS-HA1631S01020304_15 Datasheet
509Kb / 24P
   Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631D01 RENESAS-HA1631D01_15 Datasheet
644Kb / 29P
   Dual CMOS Comparator (Push Pull/Open Drain Output)
HA1631D01 RENESAS-HA1631D01 Datasheet
627Kb / 27P
   Dual CMOS Comparator (Push Pull/Open Drain Output)
logo
Texas Instruments
LMV7235 TI1-LMV7235 Datasheet
1Mb / 30P
[Old version datasheet]   Open-Drain and Push-Pull Output
logo
AiT Semiconductor Inc.
AO331 AITSEMI-AO331 Datasheet
1Mb / 11P
   OPEN-DRAIN OUTPUT LOW POWER CMOS SINGLE COMPARATOR
REV1.0
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
   Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
   Push-Pull Output Comparator
SGM8702 SGMICRO-SGM8702 Datasheet
349Kb / 14P
   Open Drain Output Comparator
logo
Unisonic Technologies
ULC3491 UTC-ULC3491 Datasheet
121Kb / 5P
   1.8V, NANOPOWER, CMOS INPUT, PUSH-PULL OUTPUT COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com