Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1631D04 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HA1631D04
Description  Dual CMOS Comparator (Push Pull/Open Drain Output)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1631D04 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HA1631D04 Datasheet HTML 1Page - Renesas Technology Corp HA1631D04 Datasheet HTML 2Page - Renesas Technology Corp HA1631D04 Datasheet HTML 3Page - Renesas Technology Corp HA1631D04 Datasheet HTML 4Page - Renesas Technology Corp HA1631D04 Datasheet HTML 5Page - Renesas Technology Corp HA1631D04 Datasheet HTML 6Page - Renesas Technology Corp HA1631D04 Datasheet HTML 7Page - Renesas Technology Corp HA1631D04 Datasheet HTML 8Page - Renesas Technology Corp HA1631D04 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
HA1631D01/02/03/04 Series
Rev.2.00 Nov 20, 2006 page 5 of 26
Main Characteristics
(unless otherwise noted, VDD = 3 V, VSS = 0 V, Ta = 25°C)
0
2.0
4.0
6.0
8.0
10.0
12.0
012345
6
0
2.0
4.0
6.0
8.0
10.0
12.0
–4
–3
–2
–1
0
1
2
3
4
VDD = 5.5V
VDD = 3.0V
VDD = 1.8V
0
1.0
2.0
3.0
4.0
5.0
6.0
0
2.0
4.0
6.0
8.0
10.0
12.0
Supply Voltage, VDD (V)
0123456
0123456
Figure 1-1 HA1631D01
Supply Current vs. Supply Voltage
(Output High)
–50
–25
0
25
50
75
100
Supply Voltage, VDD (V)
0
306090
120
Figure 1-2 HA1631D01
Supply Current vs. Supply Voltage
(Output Low)
Ambient Temperature, Ta (°C)
Figure 1-3 HA1631D01
Supply Current vs. Ambient Temperature
Output Source Current, IOSOURCE (mA)
0
30
60
90
120
Figure 1-4 HA1631D01
Output High Voltage vs. Output Source Current
0
1.0
2.0
3.0
4.0
5.0
6.0
Figure 1-5 HA1631D01
Output Low Voltage vs. Output Sink Current
Figure 1-6 HA1631D01
Input Offset Voltage vs. Supply Voltage
Output Sink Current, IOSINK (mA)
Supply Voltage, VDD (V)
VDD = 1.8V
VDD = 3.0V
VDD = 5.5V
VDD = 5.5V
VDD = 3.0V
VDD = 1.8V


Similar Part No. - HA1631D04

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1631D01 RENESAS-HA1631D01_15 Datasheet
644Kb / 29P
   Dual CMOS Comparator (Push Pull/Open Drain Output)
More results

Similar Description - HA1631D04

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1631D01 RENESAS-HA1631D01_15 Datasheet
644Kb / 29P
   Dual CMOS Comparator (Push Pull/Open Drain Output)
HA1631S01 RENESAS-HA1631S01 Datasheet
272Kb / 23P
   Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631S01020304 RENESAS-HA1631S01020304_15 Datasheet
509Kb / 24P
   Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631S01 RENESAS-HA1631S01_06 Datasheet
444Kb / 23P
   Single CMOS Comparator (Push Pull/Open Drain Output)
logo
Texas Instruments
LMV7235 TI1-LMV7235 Datasheet
1Mb / 30P
[Old version datasheet]   Open-Drain and Push-Pull Output
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
   Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
   Push-Pull Output Comparator
SGM8702 SGMICRO-SGM8702 Datasheet
349Kb / 14P
   Open Drain Output Comparator
logo
Unisonic Technologies
ULC3491 UTC-ULC3491 Datasheet
121Kb / 5P
   1.8V, NANOPOWER, CMOS INPUT, PUSH-PULL OUTPUT COMPARATOR
logo
Advanced Linear Devices
ALD2331 ALD-ALD2331 Datasheet
75Kb / 8P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN OUTPUT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com