Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA12187FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HA12187FP
Description  Bus Interface Driver/Receiver IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA12187FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  HA12187FP Datasheet HTML 1Page - Renesas Technology Corp HA12187FP Datasheet HTML 2Page - Renesas Technology Corp HA12187FP Datasheet HTML 3Page - Renesas Technology Corp HA12187FP Datasheet HTML 4Page - Renesas Technology Corp HA12187FP Datasheet HTML 5Page - Renesas Technology Corp HA12187FP Datasheet HTML 6Page - Renesas Technology Corp HA12187FP Datasheet HTML 7Page - Renesas Technology Corp HA12187FP Datasheet HTML 8Page - Renesas Technology Corp HA12187FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
HA12187FP
Rev.2.00 Jun 15, 2005 page 4 of 21
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Ratings
Unit
Notes
Power-supply voltage
VCC
7
V
Allowable power dissipation
Pd
400
mW
Ta
≤ 85°C
Operating temperature
Topr
–40 to 85
°C
Storage temperature
Tstg
–55 to 125
°C
Input voltage
Vin
–1.0 to 6.7
V
Bus input voltage
Bus
18
V
Note: Recommended operating power supply voltage range: 5 V
±0.5 V
Electrical Characteristics
(VCC = 5.0 V, Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Test
Pin
Test
Circuit
S1
High-level input
voltage
VIHS1
3.5
V
V1 = 0 V
→ 5 V, V3 = 0 V
With the potential difference
between pin 5 and pin 6 120
mV or more
1
Figure 1
Low-level input
voltage
VILS1
1.5
V
V1 = 5 V
→ 0 V, V3 = 0 V
With the potential difference
between pin5 and pin 6 20
mV or less
1
High-level input
current
IIHS1
1
µA
V1 = 5 V, V3 = 0 V
1
Low-level input
current
IILS1
1
µA
V1 = 0 V, V3 = 0 V
1
S2
High-level input
voltage
VIHS2
3.5
V
V3 = 0 V
→ 5 V, V1 = 0 V
With the potential difference
between pin 5 and pin 6 120
mV or more
3
Figure 1
Low-level input
voltage
VILS2
1.5
V
V3 = 5 V
→ 0 V, V1 = 0 V
With the potential difference
between 5 and pin 6 20 mV
or less
3
High-level input
current
IIHS2
1
µA
V1 = 0 V, V3 = 5 V
3
Low-level input
current
IILS2
1
µA
V1 = 0 V, V3 = 0 V
3
Driver
High-level
output current
IOH
3.0
3.8
4.8
mA
IOH = | VOHD+ – VOHD– | / 62
Ω 5, 6
Figure 1
Low-level
output leakage
current
IOL
1
µA
Pin 5 voltage = VOP–
IOL = | VOP+ – VOP– | / RI
5, 6
Reference
operating
voltage (+)
VOP+
2.3
2.5
2.7
V
V1 = 0 V, V3 = 0 V
6
Reference
operating
voltage (–)
VOP–
2.3
2.5
2.7
V
V1 = 0 V, V3 = 0 V
5
Current drain 1
ICCH
5.5
7.3
9.5
mA
V1 = 5 V, V3 = 0 V
7
Figure 1
Current drain 2
ICCL
1.7
2.2
2.7
mA
V1 = 0 V, V3 = 0 V
7
Figure 1


Similar Part No. - HA12187FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12187FP HITACHI-HA12187FP Datasheet
105Kb / 23P
   Bus Interface Driver/Receiver IC
More results

Similar Description - HA12187FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12187FP HITACHI-HA12187FP Datasheet
105Kb / 23P
   Bus Interface Driver/Receiver IC
logo
Renesas Technology Corp
CCA1224 RENESAS-CCA1224 Datasheet
972Kb / 13P
   Bus Interface IC (Driver, Receiver)
31-Oct-2019
R2A11210SP RENESAS-R2A11210SP_15 Datasheet
211Kb / 26P
   Bus Interface Driver/Receiver IC
HA12240FP RENESAS-HA12240FP Datasheet
163Kb / 24P
   Bus Interface Driver/Receiver IC
logo
Dialog Semiconductor
CCA1224 DIALOG-CCA1224 Datasheet
866Kb / 12P
   Bus Interface IC (Driver, Receiver)
logo
Renesas Technology Corp
R2A11210SP RENESAS-R2A11210SP Datasheet
210Kb / 26P
   Bus Interface Driver/Receiver IC
Apr 24, 2008
HA12240FP RENESAS-HA12240FP_15 Datasheet
186Kb / 26P
   Bus Interface Driver/Receiver IC
logo
Allegro MicroSystems
2470 ALLEGRO-2470 Datasheet
53Kb / 4P
   BUS DRIVER / RECEIVER
logo
Vishay Siliconix
SI9200 VISHAY-SI9200 Datasheet
121Kb / 6P
   CAN Bus Driver and Receiver
Rev. D, 16-May-11
logo
Fairchild Semiconductor
DM74AS240 FAIRCHILD-DM74AS240 Datasheet
56Kb / 5P
   3-STATE Bus Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com