Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1630S08 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HA1630S08
Description  Single CMOS High Drive Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1630S08 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HA1630S08 Datasheet HTML 1Page - Renesas Technology Corp HA1630S08 Datasheet HTML 2Page - Renesas Technology Corp HA1630S08 Datasheet HTML 3Page - Renesas Technology Corp HA1630S08 Datasheet HTML 4Page - Renesas Technology Corp HA1630S08 Datasheet HTML 5Page - Renesas Technology Corp HA1630S08 Datasheet HTML 6Page - Renesas Technology Corp HA1630S08 Datasheet HTML 7Page - Renesas Technology Corp HA1630S08 Datasheet HTML 8Page - Renesas Technology Corp HA1630S08 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
HA1630S08
REJ03D0908-0100 Rev.1.00 Feb 22, 2008
Page 5 of 14
Test Circuits
(Unless otherwise noted, VDD = 3 V, VSS = 0 V, Ta = 25°C)
1. Supply Current, IDD
A
+
1 V
VDD
2. Output High Voltage, VOH (Output High)
V
+
1 V
RLOAD
= 600
VDD
3. Output Low Voltage, VOL (Output Low)
1 V
V
+
RLOAD
= 600
VDD
4. Output Source Current, IOSOURCE
+
1 V
VDD
A
VOUT
5. Output Sink Current, IOSINK
+
VDD
A
VOUT
1 V
6. Input Offset Voltage vs. Operating Voltage
V
+
VDD
VOUT
1 k
1 k
VDD/2
1 M
1 M
7. Input Offset Voltage, VIO
1 M
V
+
1.5 V
VIO = VOUT / 1001
VOUT
1 k
1 k
1 M
–1.5 V
VIO = VOUT / 1001
8. Common Mode Input Voltage Range, VCM
Note:
VCML and VCMH are values
of VIN when VIO changes
more than 50 dB taking
VIN = 0 V as reference.
V
+
VDD
VOUT
1 k
1 k
VIN
1 M
1 M
1.5 V
VIO
VIN
VIN = 0 V
VCMH
VCML


Similar Part No. - HA1630S08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1630S08 RENESAS-HA1630S08_15 Datasheet
337Kb / 16P
   Single CMOS High Drive Operational Amplifier
More results

Similar Description - HA1630S08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1630S07 RENESAS-HA1630S07 Datasheet
268Kb / 15P
   Single CMOS High Drive Operational Amplifier
HA1630S07 RENESAS-HA1630S07_15 Datasheet
316Kb / 16P
   Single CMOS High Drive Operational Amplifier
HA1630S08 RENESAS-HA1630S08_15 Datasheet
337Kb / 16P
   Single CMOS High Drive Operational Amplifier
HA1630D08 RENESAS-HA1630D08_15 Datasheet
275Kb / 17P
   Dual CMOS High Drive Operational Amplifier
HA1630D07 RENESAS-HA1630D07 Datasheet
235Kb / 15P
   Dual CMOS High Drive Operational Amplifier
HA1630D07 RENESAS-HA1630D07_15 Datasheet
258Kb / 17P
   Dual CMOS High Drive Operational Amplifier
HA1630D08 RENESAS-HA1630D08 Datasheet
252Kb / 15P
   Dual CMOS High Drive Operational Amplifier
logo
Mitsumi Electronics, Co...
MM3002 MITSUMI-MM3002 Datasheet
136Kb / 6P
   CMOS Operational Amplifier (Single)
logo
Renesas Technology Corp
HA1630S04 RENESAS-HA1630S04 Datasheet
525Kb / 25P
   CMOS Single Operational Amplifier
logo
National Semiconductor ...
LMC6041 NSC-LMC6041 Datasheet
381Kb / 12P
   CMOS Single Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com