Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5N5006FM-E Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # H5N5006FM-E
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H5N5006FM-E Datasheet(HTML) 5 Page - Renesas Technology Corp

  H5N5006FM-E Datasheet HTML 1Page - Renesas Technology Corp H5N5006FM-E Datasheet HTML 2Page - Renesas Technology Corp H5N5006FM-E Datasheet HTML 3Page - Renesas Technology Corp H5N5006FM-E Datasheet HTML 4Page - Renesas Technology Corp H5N5006FM-E Datasheet HTML 5Page - Renesas Technology Corp H5N5006FM-E Datasheet HTML 6Page - Renesas Technology Corp H5N5006FM-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
H5N5006FM
Rev.2.00 Sep 07, 2005 page 5 of 6
0
0
1
2
3
4
0.4
0.8
1.2
1.6
2.0
5
VGS = 0 V
5
–50
0
50
100
150
200
0
1
2
3
4
ID = 10 mA
0.1 mA
VDS = 10 V
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
90%
10%
tf
Source to Drain Voltage
VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Pulse Test
Case Temperature
Tc (°C)
Gate to Source Cutoff Voltage
vs. Case Temperature
Switching Time Test Circuit
Waveform
3
1
0.3
0.1
0.01
0.001
0.03
0.003
10
µ
100
µ
1 m
10 m
100 m
1
10
PDM
PW
T
D =
PW
T
θch – c (t) = γ s (t) • θch – c
θch – c = 5.00°C/W, Tc = 25°C
Tc = 25°C
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
Pulse Width
PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width
5, 10 V
1 mA
Vin Monitor
D.U.T.
Vin
10 V
RL
Vout
Monitor
10
VDD
= 250 V


Similar Part No. - H5N5006FM-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N5006FM RENESAS-H5N5006FM Datasheet
106Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006FM RENESAS-H5N5006FM_15 Datasheet
106Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - H5N5006FM-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com