Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5N5005PL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # H5N5005PL
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H5N5005PL Datasheet(HTML) 1 Page - Renesas Technology Corp

  H5N5005PL Datasheet HTML 1Page - Renesas Technology Corp H5N5005PL Datasheet HTML 2Page - Renesas Technology Corp H5N5005PL Datasheet HTML 3Page - Renesas Technology Corp H5N5005PL Datasheet HTML 4Page - Renesas Technology Corp H5N5005PL Datasheet HTML 5Page - Renesas Technology Corp H5N5005PL Datasheet HTML 6Page - Renesas Technology Corp H5N5005PL Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.3.00, May 25, 2006 page 1 of 6
H5N5005PL
Silicon N Channel MOS FET
High Speed Power Switching
REJ03G0419-0300
Rev.3.00
May 25, 2006
Features
• Low on-resistance: R
DS(on) = 0.070
Ω typ.
• Low leakage current: I
DSS = 10
µA max (at V
DS = 500 V)
• High speed switching: t
f = 300 ns typ (at VGS = 10 V, ID = 30 A, RL = 8.33
Ω)
• Low gate charge: Qg = 300 nC typ (at V
DD = 400 V, VGS = 10 V, ID = 60 A)
• Avalanche ratings
• Built-in fast recovery diode: t
rr = 220 ns typ
Outline
RENESAS Package code: PRSS0004ZF-A
(Package name: TO-3PL)
1. Gate
2. Drain (Flange)
3. Source
D
G
S
1
2
3
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to Source voltage
VDSS
500
V
Gate to Source voltage
VGSS
±30
V
Drain current
ID
60
A
Drain peak current
ID (pulse)
Note1
240
A
Body-Drain diode reverse Drain current
IDR
60
A
Body-Drain diode reverse Drain peak current
IDR (pulse)
Note1
240
A
Avalanche current
IAP
Note3
30
A
Channel dissipation
Pch
Note2
270
W
Channel to case thermal impedance
θch-c
0.463
°C/W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW ≤ 10
µs, duty cycle ≤ 1%
2. Value at Tc = 25
°C
3. STch = 25
°C, Tch ≤ 150°C


Similar Part No. - H5N5005PL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N5005PL-E0-E RENESAS-H5N5005PL-E0-E Datasheet
254Kb / 8P
   500V - 60A - MOS FET High Speed Power Switching
Nov.4.2021
H5N5005PL-E0-E RENESAS-H5N5005PL-E0-E_15 Datasheet
138Kb / 7P
   500V - 60A - MOS FET High Speed Power Switching
H5N5005PL RENESAS-H5N5005PL_15 Datasheet
146Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - H5N5005PL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com