Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5N3004P Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # H5N3004P
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H5N3004P Datasheet(HTML) 4 Page - Renesas Technology Corp

  H5N3004P_05 Datasheet HTML 1Page - Renesas Technology Corp H5N3004P_05 Datasheet HTML 2Page - Renesas Technology Corp H5N3004P_05 Datasheet HTML 3Page - Renesas Technology Corp H5N3004P_05 Datasheet HTML 4Page - Renesas Technology Corp H5N3004P_05 Datasheet HTML 5Page - Renesas Technology Corp H5N3004P_05 Datasheet HTML 6Page - Renesas Technology Corp H5N3004P_05 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
H5N3004P
Rev.1.00 Sep 07, 2005 page 4 of 6
200
40
80
120
160
–40
0
40
80
120
160
0
0.2
0.5
2
5
20
50 100
100
20
50
5
10
2
0.5
1
0.2
1
10
25°C
Tc = –25°C
75°C
VGS = 10 V
15 A
5 A
ID = 25 A
Drain Current
ID (A)
Forward Transfer Admittance vs.
Drain Current
VDS = 10 V
Pulse Test
Case Temperature
Tc (°C)
Static Drain to Source on State Resistance
vs. Temperature
Pulse Test
0.1
0.3
1
3
10
30
100
1000
200
500
100
20
50
10
0
25
50
75
100
125
20000
50000
10000
1000
2000
5000
500
400
300
200
100
0
0
20
40
80
120
160
200
0
4
8
16
12
10000
1000
10
100
0.1
0.3
1
3
10
30
100
200
500
100
50
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
ID = 25 A
VDS
VGS
VDD = 240 V
100 V
50 V
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
Typical Capacitance vs.
Drain to Source Voltage
Drain to Source Voltage
VDS (V)
Drain Current
ID (A)
Switching Characteristics
Gate Charge
Qg (nC)
Dynamic Input Characteristics
VDD = 50 V
100 V
240 V
di / dt = 100 A /
µs
VGS = 0, Ta = 25°C
tr
td(on)
td(off)
tf
tr
tf
VGS = 10 V, VDD = 150 V
PW = 10
µs, duty ≤ 1 %
RG = 10 Ω


Similar Part No. - H5N3004P_05

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N3004P RENESAS-H5N3004P Datasheet
102Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H5N3004P RENESAS-H5N3004P Datasheet
136Kb / 2P
   Power MOSFETs and IGBT for PDP
More results

Similar Description - H5N3004P_05

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com