Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5N2517FN Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # H5N2517FN
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H5N2517FN Datasheet(HTML) 4 Page - Renesas Technology Corp

  H5N2517FN Datasheet HTML 1Page - Renesas Technology Corp H5N2517FN Datasheet HTML 2Page - Renesas Technology Corp H5N2517FN Datasheet HTML 3Page - Renesas Technology Corp H5N2517FN Datasheet HTML 4Page - Renesas Technology Corp H5N2517FN Datasheet HTML 5Page - Renesas Technology Corp H5N2517FN Datasheet HTML 6Page - Renesas Technology Corp H5N2517FN Datasheet HTML 7Page - Renesas Technology Corp H5N2517FN Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
H5N2517FN
Rev.1.00, May.28.2004, page 4 of 7
0.200
0.160
0.120
0.080
0.040
–40
0
40
80
120
160
0
0.2
0.5
2
5
20
50 100
100
20
50
5
10
2
0.5
1
0.2
1
10
V
= 10 V
GS
Case Temperature
Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature
Pulse Test
Drain Current
ID (A)
Forward Transfer Admittance vs.
Drain Current
DS
V
= 10 V
Pulse Test
I
= 20 A
D
Drain Current
ID (A)
Switching Characteristics
0.1
0.3
1
3
10
30
100
1000
200
500
100
20
50
10
0
20
40
60
80
100
2000
5000
1000
100
200
500
500
400
300
200
100
0
20
16
12
8
4
20
40
60
80
100
0
10000
1000
10
100
0.1
0.3
1
3
10
30
100
20
50
10
I = 20 A
D
VDD
VGS
Body-Drain Diode Reverse
Recovery Time
di / dt = 100 A / µs
V
= 0, Ta = 25
°C
GS
V
= 200 V
100 V
50 V
DS
r
t
d(on)
t
d(off)
t
t f
V
= 10 V, V
= 125 V
PW = 5
µs, duty < 1 %
R =10
GS
DD
G
r
t
Reverse Drain Current
IDR (A)
Gate Charge
Qg (nC)
Dynamic Input Characteristics
t f
10000
Typical Capacitance vs.
Drain to Source Voltage
Drain to Source Voltage
VDS (V)
V
= 0
f = 1 MHz
GS
Ciss
Coss
Crss
17.5 A
10 A
V
= 50 V
100 V
200 V
DS
25
°C
Tc = –25
°C
75
°C


Similar Part No. - H5N2517FN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N2510DL RENESAS-H5N2510DL Datasheet
60Kb / 5P
   Silicon N Channel MOS FET High Speed Power Switching
H5N2510DL-E RENESAS-H5N2510DL-E Datasheet
60Kb / 5P
   Silicon N Channel MOS FET High Speed Power Switching
H5N2510DL RENESAS-H5N2510DL_15 Datasheet
79Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N2510DS RENESAS-H5N2510DS Datasheet
60Kb / 5P
   Silicon N Channel MOS FET High Speed Power Switching
H5N2510DSTL-E RENESAS-H5N2510DSTL-E Datasheet
60Kb / 5P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - H5N2517FN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com