Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX30ASJ-03 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # FX30ASJ-03
Description  High-Speed Switching Use Pch Power MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FX30ASJ-03 Datasheet(HTML) 2 Page - Renesas Technology Corp

  FX30ASJ-03 Datasheet HTML 1Page - Renesas Technology Corp FX30ASJ-03 Datasheet HTML 2Page - Renesas Technology Corp FX30ASJ-03 Datasheet HTML 3Page - Renesas Technology Corp FX30ASJ-03 Datasheet HTML 4Page - Renesas Technology Corp FX30ASJ-03 Datasheet HTML 5Page - Renesas Technology Corp FX30ASJ-03 Datasheet HTML 6Page - Renesas Technology Corp FX30ASJ-03 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FX30ASJ-03
Rev.2.00
Aug 07, 2006
page 2 of 6
Electrical Characteristics
(Tch = 25°C)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain-source breakdown voltage
V(BR)DSS
–30
V
ID = –1 mA, VGS = 0 V
Gate-source leakage current
IGSS
±0.1
µA
VGS =
±20 V, VDS = 0 V
Drain-source leakage current
IDSS
–0.1
mA
VDS = –30 V, VGS = 0 V
Gate-source threshold voltage
VGS(th)
–1.3
–1.8
–2.3
V
ID = –1 mA, VDS = –10 V
Drain-source on-state resistance
rDS(ON)
48
61
m
ID = –15 A, VGS = –10 V
Drain-source on-state resistance
rDS(ON)
96
120
m
ID = –5 A, VGS = – 4 V
Drain-source on-state voltage
VDS(ON)
–0.72
–0.92
V
ID = –15 A, VGS = –10 V
Forward transfer admittance
| yfs |
11.9
S
ID = –15 A, VDS = –10 V
Input capacitance
Ciss
2460
pF
Output capacitance
Coss
410
pF
Reverse transfer capacitance
Crss
170
pF
VDS = –10 V, VGS = 0 V,
f = 1MHz
Turn-on delay time
td(on)
20
ns
Rise time
tr
84
ns
Turn-off delay time
td(off)
123
ns
Fall time
tf
60
ns
VDD = –15 V, ID = –15 A,
VGS = –10 V,
RGEN = RGS = 50
Source-drain voltage
VSD
–1.0
–1.5
V
IS = –15 A, VGS = 0 V
Thermal resistance
Rth(ch-c)
3.57
°C/W
Channel to case
Reverse recovery time
trr
50
ns
IS = –15 A, dis/dt = 50 A/
µs


Similar Part No. - FX30ASJ-03

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FX30ASJ-03 MITSUBISHI-FX30ASJ-03 Datasheet
44Kb / 4P
   HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FX30ASJ-03 POWEREX-FX30ASJ-03 Datasheet
49Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Inchange Semiconductor ...
FX30ASJ-03 ISC-FX30ASJ-03 Datasheet
378Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Similar Description - FX30ASJ-03

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FX6KMJ-3 RENESAS-FX6KMJ-3 Datasheet
209Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX20ASJ-06 RENESAS-FX20ASJ-06 Datasheet
172Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX30KMJ-2 RENESAS-FX30KMJ-2 Datasheet
174Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX50KMJ-06 RENESAS-FX50KMJ-06 Datasheet
174Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX50SMJ-2 RENESAS-FX50SMJ-2 Datasheet
173Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX50SMJ-06 RENESAS-FX50SMJ-06 Datasheet
173Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX70KMJ-03 RENESAS-FX70KMJ-03 Datasheet
174Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX20ASJ-03F RENESAS-FX20ASJ-03F_15 Datasheet
98Kb / 6P
   High-Speed Switching Use Pch Power MOS FET
FX6ASJ-03 RENESAS-FX6ASJ-03_06 Datasheet
199Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX6ASJ-3 RENESAS-FX6ASJ-3 Datasheet
171Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX6KMJ-2 RENESAS-FX6KMJ-2 Datasheet
210Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com