Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR5AS-12-A1 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # CR5AS-12-A1
Description  Thyristor Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR5AS-12-A1 Datasheet(HTML) 6 Page - Renesas Technology Corp

  CR5AS-12-A1 Datasheet HTML 1Page - Renesas Technology Corp CR5AS-12-A1 Datasheet HTML 2Page - Renesas Technology Corp CR5AS-12-A1 Datasheet HTML 3Page - Renesas Technology Corp CR5AS-12-A1 Datasheet HTML 4Page - Renesas Technology Corp CR5AS-12-A1 Datasheet HTML 5Page - Renesas Technology Corp CR5AS-12-A1 Datasheet HTML 6Page - Renesas Technology Corp CR5AS-12-A1 Datasheet HTML 7Page - Renesas Technology Corp CR5AS-12-A1 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CR5AS-12
Rev.2.00,
Apr.05.2005,
page 6 of 7
Holding Current vs.
Gate to Cathode Resistance
Gate to Cathode Resistance (k
Ω)
Junction Temperature (°C)
Repetitive Peak Reverse Voltage vs.
Junction Temperature
Gate Trigger Current vs.
Gate Current Pulse Width
Gate Current Pulse Width (
µs)
–40 –20 0
20406080 100 120 140 160
160
0
80
100
120
140
40
60
20
23 5 710-1
10-2
23 5 7 100 23 5 7 101
400
0
100
150
200
250
300
350
50
# 1
# 2
102
2
100
5
4
37
4
37
25
102
101
104
7
5
3
2
103
7
5
3
2
7
5
3
2
101
# 1
# 2
Typical Example
IGT(25°C) IH(1k
Ω)
14
µA
48
µA
1.7mA
2.7mA
# 1
# 2
Tj = 25°C
Typical Example
Typical Example
IGT(DC)
11
µA
61
µA
# 1
# 2
VD = 6V
RL = 60
Ta = 25°C


Similar Part No. - CR5AS-12-A1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR5AS-12-T13 RENESAS-CR5AS-12-T13 Datasheet
81Kb / 8P
   Thyristor Medium Power Use
logo
Kersemi Electronic Co.,...
CR5AS-12-T13 KERSEMI-CR5AS-12-T13 Datasheet
1Mb / 7P
   Glass Passivation Type
More results

Similar Description - CR5AS-12-A1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR6KM-12A RENESAS-CR6KM-12A Datasheet
107Kb / 7P
   Thyristor Medium Power Use
CR8PM-12A RENESAS-CR8PM-12A_15 Datasheet
92Kb / 7P
   Thyristor Medium Power Use
CR8PM-12B RENESAS-CR8PM-12B Datasheet
80Kb / 8P
   Thyristor Medium Power Use
CR6PM-12B RENESAS-CR6PM-12B_15 Datasheet
84Kb / 8P
   Thyristor Medium Power Use
CR12CS-16B RENESAS-CR12CS-16B_15 Datasheet
119Kb / 9P
   Thyristor Medium Power Use
CR6PM-12G RENESAS-CR6PM-12G Datasheet
101Kb / 8P
   Thyristor Medium Power Use
CR6LM-12B RENESAS-CR6LM-12B_15 Datasheet
84Kb / 8P
   Thyristor Medium Power Use
CR12LM-12B RENESAS-CR12LM-12B_15 Datasheet
85Kb / 7P
   Thyristor Medium Power Use
CR8PM-12B RENESAS-CR8PM-12B_15 Datasheet
80Kb / 8P
   Thyristor Medium Power Use
CR12LM-12B RENESAS-CR12LM-12B Datasheet
85Kb / 7P
   Thyristor Medium Power Use
CR8CM-12B RENESAS-CR8CM-12B_13 Datasheet
127Kb / 9P
   Thyristor Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com