Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR04AM-12 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # CR04AM-12
Description  Thyristor Low Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR04AM-12 Datasheet(HTML) 5 Page - Renesas Technology Corp

  CR04AM-12 Datasheet HTML 1Page - Renesas Technology Corp CR04AM-12 Datasheet HTML 2Page - Renesas Technology Corp CR04AM-12 Datasheet HTML 3Page - Renesas Technology Corp CR04AM-12 Datasheet HTML 4Page - Renesas Technology Corp CR04AM-12 Datasheet HTML 5Page - Renesas Technology Corp CR04AM-12 Datasheet HTML 6Page - Renesas Technology Corp CR04AM-12 Datasheet HTML 7Page - Renesas Technology Corp CR04AM-12 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CR04AM-12
Rev.2.00,
Mar.01.2005,
page 5 of 7
160
120
60
40
20
140
100
80
0
160
–40
0
40
80
120 140
–20
20
60
100
Typical Example
23
10–1
57 100 23 5 7 101 23 5 7 102
0
80
100
120
40
60
20
Typical Example
Breakover Voltage vs.
Gate to Cathode Resistance
Gate to Cathode Resistance (k
Ω)
Breakover Voltage vs.
Junction Temperature
Junction Temperature (°C)
RGK = 1k
Tj = 125°C
100
4.0
0
2.0
2.5
3.0
3.5
1.0
1.5
0.5
23
100
57 101 23 5 7 102 23 5 7 103
160
0
80
100
120
140
40
60
20
Typical Example
23
10–1
57 100 23 5 7 101 23 5 7
25
37
2
5
37
102
500
0
300
400
100
200
60
–20
–40
–60
0
20 40
80 100 120 140
101
7
5
3
2
100
7
5
3
2
10–1
7
5
3
2
10–2
Distribution
Holding Current vs.
Junction Temperature
Junction Temperature (°C)
Holding Current vs.
Gate to Cathode Resistance
Gate to Cathode Resistance (k
Ω)
Breakover Voltage vs.
Rate of Rise of Off-State Voltage
Rate of Rise of Off-State Voltage (V/
µs)
Holding Current vs.
Gate Trigger Current
Gate Trigger Current (
µA)
RGK = 1k
IGT(25°C) = 35
µA
Typical Example
Tj = 25°C
# 1
Typical Example
IGT(25°C) IH(1k
Ω)
25
µA0.9mA
# 1
Tj = 25°C
Tj = 125°C
RGK = 1k
101
102


Similar Part No. - CR04AM-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR04AM-12A RENESAS-CR04AM-12A Datasheet
111Kb / 9P
   Thyristor Low Power Use
CR04AM-12A-A6-B00 RENESAS-CR04AM-12A-A6-B00 Datasheet
111Kb / 9P
   Thyristor Low Power Use
CR04AM-12A-B-B00 RENESAS-CR04AM-12A-B-B00 Datasheet
111Kb / 9P
   Thyristor Low Power Use
CR04AM-12A-B-B10 RENESAS-CR04AM-12A-B-B10 Datasheet
111Kb / 9P
   Thyristor Low Power Use
CR04AM-12A-B00 RENESAS-CR04AM-12A-B00 Datasheet
111Kb / 9P
   Thyristor Low Power Use
More results

Similar Description - CR04AM-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR3PM-12 RENESAS-CR3PM-12_05 Datasheet
90Kb / 8P
   Thyristor Low Power Use
CR05AM-16 RENESAS-CR05AM-16 Datasheet
121Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8 Datasheet
154Kb / 9P
   Thyristor Low Power Use
CR3PM-12G RENESAS-CR3PM-12G Datasheet
87Kb / 7P
   Thyristor Low Power Use
CR02AM-8 RENESAS-CR02AM-8 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR03AM-12 RENESAS-CR03AM-12 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8_15 Datasheet
134Kb / 9P
   Thyristor Low Power Use
CR04AM-12A RENESAS-CR04AM-12A Datasheet
111Kb / 9P
   Thyristor Low Power Use
logo
Unisonic Technologies
CR03AM-16 UTC-CR03AM-16 Datasheet
153Kb / 3P
   THYRISTOR LOW POWER USE
logo
Renesas Technology Corp
CR3PM-12G RENESAS-CR3PM-12G_15 Datasheet
99Kb / 7P
   Thyristor Low Power Use
CR08AS-12 RENESAS-CR08AS-12_10 Datasheet
245Kb / 9P
   Thyristor Low Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com