Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR02AM-8-A6 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # CR02AM-8-A6
Description  Thyristor Low Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR02AM-8-A6 Datasheet(HTML) 3 Page - Renesas Technology Corp

  CR02AM-8-A6 Datasheet HTML 1Page - Renesas Technology Corp CR02AM-8-A6 Datasheet HTML 2Page - Renesas Technology Corp CR02AM-8-A6 Datasheet HTML 3Page - Renesas Technology Corp CR02AM-8-A6 Datasheet HTML 4Page - Renesas Technology Corp CR02AM-8-A6 Datasheet HTML 5Page - Renesas Technology Corp CR02AM-8-A6 Datasheet HTML 6Page - Renesas Technology Corp CR02AM-8-A6 Datasheet HTML 7Page - Renesas Technology Corp CR02AM-8-A6 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CR02AM-8
Rev.2.00,
Mar.01.2005,
page 3 of 7
Performance Curves
Maximum On-State Characteristics
On-State Voltage (V)
Rated Surge On-State Current
Conduction Time (Cycles at 60Hz)
Maximum Transient Thermal Impedance
Characteristics (Junction to ambient)
Time (s)
Gate Trigger Voltage vs.
Junction Temperature
Junction Temperature (°C)
Gate Current (mA)
Gate Trigger Current vs.
Junction Temperature
Junction Temperature (°C)
Gate Characteristics
100
25
1012
4
2
37
10
42
5
37
4
6
8
10
3
1
5
7
9
0
2.6
1.0
1.4
1.8
2.2
1.2
1.6
2.0
2.4
101
7
5
3
2
100
7
5
3
2
10–1
7
5
3
2
10–2
23
10–3
5710–2 23 5 710–1 23 5 7 100
200
0
80
100
120
140
160
180
40
60
20
23
100
57 101 23 5 7 102 23 5 7 103
102
10–2
100
101
101
7
5
3
2
10–1
7
5
3
2
100
7
5
3
2
7
5
3
2
10–223 5 7
23 5 7
10–1
102
23 5 7
23 57
VFGM = 6V
VGT = 0.8V
IGT = 100
µA
(Tj = 25°C)
PGM = 0.1W
PG(AV) = 0.01W
VGD = 0.2V
IFGM = 0.1A
140
40
–40
–60
–20 0
20
60 80 100 120
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
1.0
0.8
0.7
0.6
0.3
0.4
0.1
0
160
–40 –20
20
80
140
120
0.2
0.5
0.9
060
40
100
Ta = 25°C
Typical Example
Distribution
Typical Example


Similar Part No. - CR02AM-8-A6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR02AM-8-E RENESAS-CR02AM-8-E Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR02AM-8-ETZ RENESAS-CR02AM-8-ETZ Datasheet
89Kb / 8P
   Thyristor Low Power Use
More results

Similar Description - CR02AM-8-A6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR3PM-12 RENESAS-CR3PM-12_05 Datasheet
90Kb / 8P
   Thyristor Low Power Use
CR05AM-16 RENESAS-CR05AM-16 Datasheet
121Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8 Datasheet
154Kb / 9P
   Thyristor Low Power Use
CR3PM-12G RENESAS-CR3PM-12G Datasheet
87Kb / 7P
   Thyristor Low Power Use
CR02AM-8 RENESAS-CR02AM-8 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR03AM-12 RENESAS-CR03AM-12 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8_15 Datasheet
134Kb / 9P
   Thyristor Low Power Use
CR04AM-12A RENESAS-CR04AM-12A Datasheet
111Kb / 9P
   Thyristor Low Power Use
logo
Unisonic Technologies
CR03AM-16 UTC-CR03AM-16 Datasheet
153Kb / 3P
   THYRISTOR LOW POWER USE
logo
Renesas Technology Corp
CR3PM-12G RENESAS-CR3PM-12G_15 Datasheet
99Kb / 7P
   Thyristor Low Power Use
CR08AS-12 RENESAS-CR08AS-12_10 Datasheet
245Kb / 9P
   Thyristor Low Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com