Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC294FPEL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC294FPEL
Description  Programmable Frequency Divider/Digital Timer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC294FPEL Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC294FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74HC294FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HC294FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HC294FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC294FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC294FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC294FPEL Datasheet HTML 7Page - Renesas Technology Corp HD74HC294FPEL Datasheet HTML 8Page - Renesas Technology Corp HD74HC294FPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev.2.00 Jan 31, 2006 page 1 of 9
HD74HC292/HD74HC294
Programmable Frequency Divider/Digital Timer
REJ03D0608–0200
(Previous ADE-205-486)
Rev.2.00
Jan 31, 2006
Description
This device divides the incoming clock frequency by a number (a power of 2) that is preset by the Programming inputs.
It has two Clock inputs, either of which may be used as a clock inhibit. The device also has an active-low Reset, which
initializes the internal flip-flop states. Test Point outputs (TP1, TP2, TP3) are provided with HD74HC292 to facilitate
incoming inspections.
Test Point output is provided with HD74HC294 to facilitate incoming inspections.
Features
• High Speed Operation: t
pd (Clock to Q) = 16 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC292P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
HD74HC294FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
CLR
CLK1
CLK2
Q Output Mode
L
X
X
Cleared to L
H
L
Count
H
L
Count
H
H
X
Inhibit
H
X
H
Inhibit
H :
high level
L
:
low level


Similar Part No. - HD74HC294FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC294 HITACHI-HD74HC294 Datasheet
68Kb / 12P
   Programmable Frequency Divider/Digital Timer
More results

Similar Description - HD74HC294FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC292 HITACHI-HD74HC292 Datasheet
68Kb / 12P
   Programmable Frequency Divider/Digital Timer
logo
Toshiba Semiconductor
TC74HC7292AP TOSHIBA-TC74HC7292AP Datasheet
300Kb / 7P
   PROGRAMMABLE DIVIDER/TIMER
TC74HC7292AP TOSHIBA-TC74HC7292AP_07 Datasheet
407Kb / 10P
   Programmable Divider/Timer
logo
STMicroelectronics
M54HC292 STMICROELECTRONICS-M54HC292 Datasheet
299Kb / 14P
   PROGRAMMABLE DIVIDER/TIMER
M74HC292 STMICROELECTRONICS-M74HC292 Datasheet
469Kb / 12P
   PROGRAMMABLE DIVIDER/TIMER
M74HC294 STMICROELECTRONICS-M74HC294 Datasheet
422Kb / 11P
   PROGRAMMABLE DIVIDER/TIMER
logo
LSI Computer Systems
LS7213R LSI-LS7213R Datasheet
65Kb / 5P
   PROGRAMMABLE DIGITAL DELAY TIMER
logo
Siemens Semiconductor G...
SAB0529 SIEMENS-SAB0529 Datasheet
517Kb / 16P
   SIEMENS PROGRAMMABLE DIGITAL TIMER
logo
LSI Computer Systems
LS7211 LSI-LS7211_03 Datasheet
275Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7213 LSI-LS7213 Datasheet
43Kb / 4P
   PROGRAMMABLE DIGITAL DELAY TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com