Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC257FPEL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74HC257FPEL
Description  Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC257FPEL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74HC257FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74HC257FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HC257FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HC257FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC257FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC257FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC257FPEL Datasheet HTML 7Page - Renesas Technology Corp HD74HC257FPEL Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HD74HC257
Rev.2.00 Jan 31, 2006 page 3 of 7
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage range
VCC
–0.5 to 7.0
V
Input / Output voltage
VIN, VOUT
–0.5 to VCC +0.5
V
Input / Output diode current
IIK, IOK
±20
mA
Output current
IO
±35
mA
VCC, GND current
ICC or IGND
±75
mA
Power dissipation
PT
500
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
2 to 6
V
Input / Output voltage
VIN, VOUT
0 to VCC
V
Operating temperature
Ta
–40 to 85
°C
0 to 1000
VCC = 2.0 V
0 to 500
VCC = 4.5 V
Input rise / fall time
*1
tr, tf
0 to 400
ns
VCC = 6.0 V
Notes: 1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.
Electrical Characteristics
Ta = 25°C
Ta = –40 to+85°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
1.5
1.5
4.5
3.15
3.15
VIH
6.0
4.2
4.2
V
2.0
0.5
0.5
4.5
1.35
1.35
Input voltage
VIL
6.0
1.8
1.8
V
2.0
1.9
2.0
1.9
4.5
4.4
4.5
4.4
6.0
5.9
6.0
5.9
IOH = –20
µA
4.5
4.18
4.13
IOH = –6 mA
VOH
6.0
5.68
5.63
V
Vin = VIH or VIL
IOH = –7.8 mA
2.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
6.0
0.0
0.1
0.1
IOL = 20
µA
4.5
0.26
0.33
IOL = 6 mA
Output voltage
VOL
6.0
0.26
0.33
V
Vin = VIH or VIL
IOL = 7.8 mA
Off-state output
current
IOZ
6.0
±0.5
±5.0
µA Vin = VIH or VIL,
Vout = VCC or GND
Input current
Iin
6.0
±0.1
±1.0
µA Vin = VCC or GND
Quiescent supply
current
ICC
6.0
4.0
40
µA Vin = VCC or GND, Iout = 0 µA


Similar Part No. - HD74HC257FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC257 HITACHI-HD74HC257 Datasheet
52Kb / 9P
   Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
More results

Similar Description - HD74HC257FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC257 HITACHI-HD74HC257 Datasheet
52Kb / 9P
   Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
logo
Renesas Technology Corp
HD74LV157A RENESAS-HD74LV157A Datasheet
77Kb / 9P
   Quad. 2-to-1 line Data Selectors / Multiplexers (Noninverted Outputs)
HD74HC157 RENESAS-HD74HC157 Datasheet
73Kb / 10P
   Quad. 2-to-1-line Data Selectors/Multiplexers (with noninverted outputs)
HD74LV157A RENESAS-HD74LV157A_15 Datasheet
101Kb / 11P
   Quad. 2-to-1 line Data Selectors / Multiplexers (Noninverted Outputs)
logo
Hitachi Semiconductor
HD74LV157A HITACHI-HD74LV157A Datasheet
62Kb / 14P
   Quad. 2-to-1 line Data Selectors / Multiplexers(Noninverted Outputs)
HD74HC258 HITACHI-HD74HC258 Datasheet
55Kb / 9P
   Quad. 2-to-1-line Data Selectors/Multiplexers(with 3-state outputs)
logo
Renesas Technology Corp
HD74HC258 RENESAS-HD74HC258 Datasheet
108Kb / 8P
   Quad. 2-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
logo
Hitachi Semiconductor
HD74LS157 HITACHI-HD74LS157 Datasheet
59Kb / 6P
   Quadruple 2-line-to-1-line Data Selectors/Multiplexers(noninverted outputs)
logo
Renesas Technology Corp
HD74LS157 RENESAS-HD74LS157 Datasheet
73Kb / 7P
   Quadruple 2-line-to-1-line Data Selectors / Multiplexers (noninverted outputs)
logo
Texas Instruments
SN54F257 TI-SN54F257 Datasheet
74Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com