Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT2218R Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HAT2218R
Description  Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2218R Datasheet(HTML) 5 Page - Renesas Technology Corp

  HAT2218R Datasheet HTML 1Page - Renesas Technology Corp HAT2218R Datasheet HTML 2Page - Renesas Technology Corp HAT2218R Datasheet HTML 3Page - Renesas Technology Corp HAT2218R Datasheet HTML 4Page - Renesas Technology Corp HAT2218R Datasheet HTML 5Page - Renesas Technology Corp HAT2218R Datasheet HTML 6Page - Renesas Technology Corp HAT2218R Datasheet HTML 7Page - Renesas Technology Corp HAT2218R Datasheet HTML 8Page - Renesas Technology Corp HAT2218R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HAT2218R
Rev.3.00, Aug.23.2004, page 5 of 9
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width
10
µ
100
µ
1 m
10 m
100 m
1
10
100
1000
10000
10
1
0.1
0.01
0.001
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
DM
P
PW
T
D =
PW
T
θch - f(t) = γs (t) x θch - f
θch - f = 125°C/W, Ta = 25°C
When using the glass epoxy board
(FR4 40x40x1.6 mm)
0
0.4
0.8
1.2
1.6
2.0
20
10
VGS = 0V, –5 V
5 V
Source to Drain Voltage
VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Pulse Test
10 V


Similar Part No. - HAT2218R

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
HAT2218R DOINGTER-HAT2218R Datasheet
1Mb / 4P
   Dual N-Channel MOSFET uses advanced trench technology
More results

Similar Description - HAT2218R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0215DPA RENESAS-RJK0215DPA Datasheet
271Kb / 11P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0389DPA RENESAS-RJK0389DPA Datasheet
113Kb / 5P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2126RP RENESAS-HAT2126RP Datasheet
263Kb / 17P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0383DPA RENESAS-RJK0383DPA Datasheet
114Kb / 5P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2285WP RENESAS-HAT2285WP Datasheet
130Kb / 10P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0389DPA RENESAS-RJK0389DPA_09 Datasheet
358Kb / 11P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2210R RENESAS-HAT2210R Datasheet
116Kb / 12P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0214DPA RENESAS-RJK0214DPA Datasheet
260Kb / 11P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0230DPA RENESAS-RJK0230DPA Datasheet
221Kb / 11P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2285WP RENESAS-HAT2285WP_10 Datasheet
115Kb / 10P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0223DNS RENESAS-RJK0223DNS Datasheet
81Kb / 5P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com