Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSM221C Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HSM221C
Description  Silicon Epitaxial Planar Diode for High Speed Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSM221C Datasheet(HTML) 2 Page - Renesas Technology Corp

  HSM221C Datasheet HTML 1Page - Renesas Technology Corp HSM221C Datasheet HTML 2Page - Renesas Technology Corp HSM221C Datasheet HTML 3Page - Renesas Technology Corp HSM221C Datasheet HTML 4Page - Renesas Technology Corp HSM221C Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HSM221C
Rev.5.00 Mar 10, 2005 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Peak reverse voltage
VRM
85
V
Reverse voltage
VR
80
V
Peak forward current
IFM
300
mA
Non-Repetitive peak forward surge current
IFSM *
1
4
A
Average rectified current
IO
100
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Note:
1. Value at duration of 1
µs.
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
VF1
0.76
1.0
IF = 10 mA
VF2
0.88
1.0
IF = 50 mA
Forward voltage
VF3
0.97
1.2
V
IF = 100 mA
Reverse current
IR
0.1
µA
VR = 80 V
Capacitance
C
0.5
2.0
pF
VR = 0 V, f = 1 MHz
Reverse recovery time
trr
3.0
ns
IF = 10 mA, VR = 6 V, RL = 50


Similar Part No. - HSM221C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSM221C HITACHI-HSM221C Datasheet
17Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
More results

Similar Description - HSM221C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1SS118 HITACHI-1SS118 Datasheet
17Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
Renesas Technology Corp
HSD119 RENESAS-HSD119 Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
Hitachi Semiconductor
HSM2838C HITACHI-HSM2838C Datasheet
17Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
HSB124S HITACHI-HSB124S Datasheet
23Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
HSU119 HITACHI-HSU119 Datasheet
26Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
Renesas Technology Corp
HSM2836C RENESAS-HSM2836C Datasheet
148Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
1S2074 RENESAS-1S2074 Datasheet
238Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
1S2075 RENESAS-1S2075 Datasheet
144Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
RKS100KG RENESAS-RKS100KG Datasheet
85Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
HSM124S RENESAS-HSM124S Datasheet
65Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
HSB124S RENESAS-HSB124S Datasheet
85Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com