Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSM198S Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HSM198S
Description  Silicon Schottky Barrier Diode for Various Detector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSM198S Datasheet(HTML) 2 Page - Renesas Technology Corp

  HSM198S Datasheet HTML 1Page - Renesas Technology Corp HSM198S Datasheet HTML 2Page - Renesas Technology Corp HSM198S Datasheet HTML 3Page - Renesas Technology Corp HSM198S Datasheet HTML 4Page - Renesas Technology Corp HSM198S Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HSM198S
Rev.4.00 Apr 25, 2005 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
10
V
Average forward current
IO *
1
30
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Note:
1. Two device total
Electrical Characteristics *1
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
VF
1.1
V
IF = 5 mA
Forward current
IF
4.5
mA
VF = 1 V
Reverse current
IR
70
µA
VR = 6 V
Capacitance
C
1.5
pF
VR = 1 V, f = 1 MHz
Capacitance deviation
∆VF
10
mV
IF = 5 mA
ESD Capability *
2
30
V
C = 200 pF, R = 0
Ω, Both forward
and reverse direction 1 pulse
Notes: 1. Per one device
2. Failure Criterrion; IR
> 140 µA at VR = 6 V


Similar Part No. - HSM198S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSM198S HITACHI-HSM198S Datasheet
26Kb / 6P
   Silicon Schottky Barrier Diode forVarious Detector, High speed switching
More results

Similar Description - HSM198S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSU88 HITACHI-HSU88 Datasheet
21Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, Mixer
logo
Renesas Technology Corp
HSC88 RENESAS-HSC88 Datasheet
74Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, Mixer
logo
Hitachi Semiconductor
HSC88 HITACHI-HSC88 Datasheet
21Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, Mixer
logo
Renesas Technology Corp
1SS106 RENESAS-1SS106 Datasheet
63Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
1SS198 RENESAS-1SS198 Datasheet
61Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
logo
Hitachi Semiconductor
1SS286 HITACHI-1SS286 Datasheet
27Kb / 6P
   Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
1SS198 HITACHI-1SS198 Datasheet
26Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
1SS108 HITACHI-1SS108 Datasheet
17Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
1SS199 HITACHI-1SS199 Datasheet
17Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
logo
Renesas Technology Corp
1SS286 RENESAS-1SS286 Datasheet
65Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com