Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC238P Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74HC238P
Description  3-to-8-line Decoder/Demultiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC238P Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74HC238P Datasheet HTML 1Page - Renesas Technology Corp HD74HC238P Datasheet HTML 2Page - Renesas Technology Corp HD74HC238P Datasheet HTML 3Page - Renesas Technology Corp HD74HC238P Datasheet HTML 4Page - Renesas Technology Corp HD74HC238P Datasheet HTML 5Page - Renesas Technology Corp HD74HC238P Datasheet HTML 6Page - Renesas Technology Corp HD74HC238P Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HD74HC238
Rev.2.00 Jan 31, 2006 page 5 of 6
Package Dimensions
7.62
DP-16FV
RENESAS Code
JEITA Package Code
Previous Code
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
19.2
6.3
5.06
MASS[Typ.]
1.05g
A
Z
b
D
E
A
b
c
θ
e
L
1
1
p
3
e
0.51
0.56
1.30
0.19
0.25
0.31
2.29
2.54
2.79
0
°
15
°
PRDP0016AE-B
P-DIP16-6.3x19.2-2.54
20.32
7.4
0.40
0.48
1.12
2.54
1
p
3
1
8
16
9
e
b
Z
e
c
D
b
0.89
θ
( Ni/Pd/Au plating )
0.80
0.15
1.27
7.50
8.00
0.40
0.34
p
A 1
10.5
FP-16DAV
RENESAS Code
JEITA Package Code
Previous Code
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
2.20
0.90
0.70
0.50
5.50
0.20
0.10
0.00
0.46
0.25
0.20
0.15
7.80
8
°
0
°
0.12
1.15
10.06
0.24g
MASS[Typ.]
1
E
1
1
2
L
Z
H
y
x
θ
c
b
A
E
D
b
c
e
L
A
P-SOP16-5.5x10.06-1.27
PRSP0016DH-B
*1
8
1
16
9
xM
p
*3
y
F
Index mark
b
D
Z
Terminal cross section
( Ni/Pd/Au plating )
p
b
1
Detail F
L
L
θ
NOTE)
1. DIMENSIONS"
*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.
e


Similar Part No. - HD74HC238P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC238P RENESAS-HD74HC238P Datasheet
120Kb / 9P
   3-to-8-line Decoder/Demultiplexer
More results

Similar Description - HD74HC238P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138 Datasheet
67Kb / 9P
   3-to-8-line Decoder/Demultiplexer
HD74LVC138 RENESAS-HD74LVC138 Datasheet
178Kb / 6P
   3-to-8-line Decoder / Demultiplexer
HD74LV138A RENESAS-HD74LV138A_15 Datasheet
118Kb / 9P
   3-to-8-line Decoder / Demultiplexer
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
   3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
   3-to-8-line Decoder / Demultiplexer
logo
Diodes Incorporated
74AHC138 DIODES-74AHC138 Datasheet
307Kb / 10P
   3-TO-8 LINE DECODER DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com