Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC175 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC175
Description  Quad. D-type Flip-Flops (with Clear)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC175 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC175 Datasheet HTML 1Page - Renesas Technology Corp HD74HC175 Datasheet HTML 2Page - Renesas Technology Corp HD74HC175 Datasheet HTML 3Page - Renesas Technology Corp HD74HC175 Datasheet HTML 4Page - Renesas Technology Corp HD74HC175 Datasheet HTML 5Page - Renesas Technology Corp HD74HC175 Datasheet HTML 6Page - Renesas Technology Corp HD74HC175 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.3.00, Jan 31, 2006 page 1 of 6
HD74HC175
Quad. D-type Flip-Flops (with Clear)
REJ03D0585-0300
Rev.3.00
Jan 31, 2006
Description
Information at the D inputs of the HD74HC175 is transferred to the Q and
Q outputs on the positive going edge of the
clock pulse. Both true and compliment outputs from each flip-flop are externally available. All four flip-flops are
controlled by a common clock and a common clear. Clearing is accomplished by a negative pulse at the clear input.
All four Q outputs are cleared to a logic low level and all four
Q outputs to a logic high level.
Features
• High Speed Operation: t
pd (Clock to Q) = 14 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4
µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC175P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
HD74HC175TELL
TSSOP-16 pin
PTSP0016JB-A
(TTP-16DAV)
T
ELL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
Output
Clear
Clock
D
Q
Q
L
X
X
L
H
H
H
H
L
H
L
L
H
H
L
X
no change
H :
High level
L :
Low level
X :
Irrelevant


Similar Part No. - HD74HC175

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC175 HITACHI-HD74HC175 Datasheet
59Kb / 9P
   Quad. D-typ Flip-Flops (with Clear)
logo
Renesas Technology Corp
HD74HC175P RENESAS-HD74HC175P Datasheet
122Kb / 9P
   Quad. D-type Flip-Flops (with Clear)
HD74HC175TELL RENESAS-HD74HC175TELL Datasheet
122Kb / 9P
   Quad. D-type Flip-Flops (with Clear)
HD74HC175 RENESAS-HD74HC175_15 Datasheet
122Kb / 9P
   Quad. D-type Flip-Flops (with Clear)
More results

Similar Description - HD74HC175

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV175A HITACHI-HD74LV175A Datasheet
66Kb / 15P
   Quad. D-type Flip-Flops with Clear
logo
Renesas Technology Corp
HD74HC175 RENESAS-HD74HC175_15 Datasheet
122Kb / 9P
   Quad. D-type Flip-Flops (with Clear)
logo
Fairchild Semiconductor
DM74ALS174 FAIRCHILD-DM74ALS174_07 Datasheet
331Kb / 9P
   Hex/Quad D-Type Flip-Flops with Clear
DM74ALS174 FAIRCHILD-DM74ALS174 Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
DM74LS174 FAIRCHILD-DM74LS174 Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
DM74175 FAIRCHILD-DM74175 Datasheet
308Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
National Semiconductor ...
54LS174 NSC-54LS174 Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
54174 NSC-54174 Datasheet
150Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Hitachi Semiconductor
HD74HC175 HITACHI-HD74HC175 Datasheet
59Kb / 9P
   Quad. D-typ Flip-Flops (with Clear)
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
   Hex D-Type Flip-Flops with Clear
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com