Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC137RPEL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74HC137RPEL
Description  3-to-8-line Decoder/Demultiplexer with Address Latch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC137RPEL Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74HC137RPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HC137RPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HC137RPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC137RPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC137RPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC137RPEL Datasheet HTML 7Page - Renesas Technology Corp HD74HC137RPEL Datasheet HTML 8Page - Renesas Technology Corp HD74HC137RPEL Datasheet HTML 9Page - Renesas Technology Corp HD74HC137RPEL Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HD74HC137
Rev.2.00, Oct 11, 2005 page 7 of 9
GL
Output Y
VCC
50%
50%
VOL
VOH
0 V
tW
90%
10%
10%
50%
50%
tPLH
tPHL
tTLH
tTHL
Waveform – 4
6ns
6ns
10%
90%
50%
90%
10%
90%
1. Input waveform: PRR
≤ 1 MHz, Zo = 50 Ω, tr ≤ 6 ns, tf ≤ 6 ns
2. The output are measured one at a time with one transition per measurement.
Notes:
Input
A,B,C
GL
VCC
50%
50%
0 V
VCC
0 V
tsu
50%
Waveform – 5
th
tW
1. Input waveform: PRR
≤ 1 MHz, Zo = 50 Ω, tr ≤ 6 ns, tf ≤ 6 ns
2. The output are measured one at a time with one transition per measurement.
Notes:


Similar Part No. - HD74HC137RPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC137 HITACHI-HD74HC137 Datasheet
60Kb / 10P
   3-to-8-line Decoder/Demultiplexer with Address Latch
More results

Similar Description - HD74HC137RPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC237 RENESAS-HD74HC237 Datasheet
72Kb / 10P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Hitachi Semiconductor
HD74HCT137 HITACHI-HD74HCT137 Datasheet
56Kb / 8P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138_15 Datasheet
140Kb / 10P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Hitachi Semiconductor
HD74HCT237 HITACHI-HD74HCT237 Datasheet
57Kb / 8P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Renesas Technology Corp
HD74HCT237 RENESAS-HD74HCT237 Datasheet
195Kb / 8P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Hitachi Semiconductor
HD74HC137 HITACHI-HD74HC137 Datasheet
60Kb / 10P
   3-to-8-line Decoder/Demultiplexer with Address Latch
HD74HC237 HITACHI-HD74HC237 Datasheet
57Kb / 9P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Renesas Technology Corp
HD74HCT137 RENESAS-HD74HCT137 Datasheet
197Kb / 8P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
NXP Semiconductors
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Texas Instruments
SN74LVC137A TI-SN74LVC137A Datasheet
127Kb / 8P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com