Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC131P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74HC131P
Description  3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC131P Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74HC131P Datasheet HTML 1Page - Renesas Technology Corp HD74HC131P Datasheet HTML 2Page - Renesas Technology Corp HD74HC131P Datasheet HTML 3Page - Renesas Technology Corp HD74HC131P Datasheet HTML 4Page - Renesas Technology Corp HD74HC131P Datasheet HTML 5Page - Renesas Technology Corp HD74HC131P Datasheet HTML 6Page - Renesas Technology Corp HD74HC131P Datasheet HTML 7Page - Renesas Technology Corp HD74HC131P Datasheet HTML 8Page - Renesas Technology Corp HD74HC131P Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HD74HC131
Rev.2.00, Oct 11, 2005 page 3 of 8
Logic Diagram
Y7
G1
CLK
C
B
A
G2
Y6
Y5
Y4
Y3
Y2
Y1
Y0
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Supply voltage range
VCC
–0.5 to +7.0
V
Input voltage
VIN
–0.5 to VCC + 0.5
V
Output voltage
VOUT
–0.5 to VCC + 0.5
V
Output current
IOUT
±25
mA
DC current drain per VCC, GND
ICC, IGND
±50
mA
DC input diode current
IIK
±20
mA
DC output diode current
IOK
±20
mA
Power dissipation per package
PT
500
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.


Similar Part No. - HD74HC131P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC131 HITACHI-HD74HC131 Datasheet
58Kb / 9P
   3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers
More results

Similar Description - HD74HC131P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC131 HITACHI-HD74HC131 Datasheet
58Kb / 9P
   3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers
logo
Texas Instruments
SN74AS131A TI1-SN74AS131A Datasheet
109Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS REGISTERS
logo
Renesas Technology Corp
HD74HC237 RENESAS-HD74HC237 Datasheet
72Kb / 10P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
NXP Semiconductors
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Texas Instruments
SN74LVC137A TI-SN74LVC137A Datasheet
127Kb / 8P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS LATCHES
logo
Hitachi Semiconductor
HD74HCT137 HITACHI-HD74HCT137 Datasheet
56Kb / 8P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
NXP Semiconductors
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138_15 Datasheet
140Kb / 10P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Hitachi Semiconductor
HD74HCT237 HITACHI-HD74HCT237 Datasheet
57Kb / 8P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Renesas Technology Corp
HD74HC137 RENESAS-HD74HC137 Datasheet
117Kb / 10P
   3-to-8-line Decoder/Demultiplexer with Address Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com