Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC27RPEL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74HC27RPEL
Description  Triple 3-input NOR Gates
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC27RPEL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74HC27RPEL Datasheet HTML 1Page - Renesas Technology Corp HD74HC27RPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HC27RPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HC27RPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC27RPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC27RPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC27RPEL Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74HC27
Rev.2.00, Oct 06, 2005 page 4 of 6
Test Circuit
L
*
C includes the probe and fig capacitance.
Note:
Measurement point
C
L
Waveforms
0 V
VCC
VOH
VOL
tPHL
tPLH
10%
90%
50%
50%
50%
50%
10%
90%
• Waveform − 1
Input
Output
tr
tf
1. Input waveform: PRR
≤ 1 MHz, Zo = 50 Ω, tr ≤ 6 ns, tf ≤ 6 ns
2. The output are measured one at a time with one transition per measurement.
Notes:
tTHL
tTLH


Similar Part No. - HD74HC27RPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC27 HITACHI-HD74HC27 Datasheet
39Kb / 7P
   Triple 3-input NOR Gates
HD74HC273 HITACHI-HD74HC273 Datasheet
56Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
HD74HC273FPEL RENESAS-HD74HC273FPEL Datasheet
152Kb / 10P
   Octal D-type Flip-Flops (with Clear)
HD74HC273P RENESAS-HD74HC273P Datasheet
152Kb / 10P
   Octal D-type Flip-Flops (with Clear)
More results

Similar Description - HD74HC27RPEL

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS27 AEROFLEX-UT54ACS27 Datasheet
229Kb / 9P
   Triple 3-Input NOR Gates
logo
National Semiconductor ...
54LS27 NSC-54LS27 Datasheet
58Kb / 2P
   TRIPLE 3-INPUT NOR GATES
logo
Hitachi Semiconductor
HD74HC27 HITACHI-HD74HC27 Datasheet
39Kb / 7P
   Triple 3-input NOR Gates
logo
Potato Semiconductor Co...
PO74G27A POTATO-PO74G27A Datasheet
464Kb / 6P
   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Texas Instruments
SN74LS27J TI-SN74LS27J Datasheet
913Kb / 18P
[Old version datasheet]   TRIPLE 3-INPUT POSITVE-NOR GATES
logo
Hitachi Semiconductor
HD74LV27A HITACHI-HD74LV27A Datasheet
54Kb / 12P
   Triple 3-input Positive NOR Gates
logo
Texas Instruments
SN54F27 TI-SN54F27 Datasheet
67Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
SN54ALS27A TI-SN54ALS27A Datasheet
96Kb / 6P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Renesas Technology Corp
HD74LV27A RENESAS-HD74LV27A Datasheet
70Kb / 9P
   Triple 3-input Positive NOR Gates
logo
Texas Instruments
SN54HC27 TI-SN54HC27 Datasheet
486Kb / 14P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com