Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC08 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74HC08
Description  Quad. 2-input AND Gates
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC08 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74HC08 Datasheet HTML 1Page - Renesas Technology Corp HD74HC08 Datasheet HTML 2Page - Renesas Technology Corp HD74HC08 Datasheet HTML 3Page - Renesas Technology Corp HD74HC08 Datasheet HTML 4Page - Renesas Technology Corp HD74HC08 Datasheet HTML 5Page - Renesas Technology Corp HD74HC08 Datasheet HTML 6Page - Renesas Technology Corp HD74HC08 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74HC08
Rev.2.00, Oct 06, 2005 page 4 of 6
Test Circuit
L
*
C includes the probe and fig capacitance.
Note:
Measurement point
C
L
Waveforms
0 V
VCC
VOH
VOL
tPLH
tPHL
10%
90%
50%
50%
50%
50%
10%
90%
• Waveform − 1
Input
Output
tr
tf
1. Input waveform: PRR
≤ 1 MHz, Zo = 50 Ω, tr ≤ 6 ns, tf ≤ 6 ns
2. The output are measured one at a time with one transition per measurement.
Notes:
tTHL
tTLH
10%
90%
10%
90%


Similar Part No. - HD74HC08

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC08 HITACHI-HD74HC08 Datasheet
45Kb / 8P
   Quad. 2-input AND Gates
logo
Renesas Technology Corp
HD74HC08FPEL RENESAS-HD74HC08FPEL Datasheet
123Kb / 9P
   Quad. 2-input AND Gates
HD74HC08P RENESAS-HD74HC08P Datasheet
123Kb / 9P
   Quad. 2-input AND Gates
HD74HC08RPEL RENESAS-HD74HC08RPEL Datasheet
123Kb / 9P
   Quad. 2-input AND Gates
HD74HC08TELL RENESAS-HD74HC08TELL Datasheet
123Kb / 9P
   Quad. 2-input AND Gates
More results

Similar Description - HD74HC08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC08B RENESAS-RD74LVC08B Datasheet
69Kb / 8P
   Quad. 2-input AND Gates
HD74LV08A RENESAS-HD74LV08A Datasheet
65Kb / 8P
   Quad. 2-input AND Gates
logo
Fairchild Semiconductor
DM74LS08N FAIRCHILD-DM74LS08N Datasheet
59Kb / 5P
   Quad 2-Input AND Gates
logo
Hitachi Semiconductor
HD74HC08 HITACHI-HD74HC08 Datasheet
45Kb / 8P
   Quad. 2-input AND Gates
HD74LVC08 HITACHI-HD74LVC08 Datasheet
35Kb / 7P
   Quad. 2-input AND Gates
logo
Renesas Technology Corp
HD74HC08 RENESAS-HD74HC08_15 Datasheet
123Kb / 9P
   Quad. 2-input AND Gates
logo
Unisonic Technologies
UCD4081B UTC-UCD4081B_15 Datasheet
168Kb / 5P
   QUAD 2-INPUT AND GATES
logo
National Semiconductor ...
5408 NSC-5408 Datasheet
92Kb / 4P
   Quad 2-Input AND Gates
logo
Renesas Technology Corp
HD74LV08A RENESAS-HD74LV08A_15 Datasheet
89Kb / 10P
   Quad. 2-input AND Gates
logo
Unisonic Technologies
U74HC08 UTC-U74HC08 Datasheet
151Kb / 5P
   QUAD 2-INPUT AND GATES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com