Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74AC283 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74AC283
Description  4-bit Binary Full Adder with Fast Carry
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC283 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74AC283 Datasheet HTML 2Page - Renesas Technology Corp HD74AC283 Datasheet HTML 3Page - Renesas Technology Corp HD74AC283 Datasheet HTML 4Page - Renesas Technology Corp HD74AC283 Datasheet HTML 5Page - Renesas Technology Corp HD74AC283 Datasheet HTML 6Page - Renesas Technology Corp HD74AC283 Datasheet HTML 7Page - Renesas Technology Corp HD74AC283 Datasheet HTML 8Page - Renesas Technology Corp HD74AC283 Datasheet HTML 9Page - Renesas Technology Corp HD74AC283 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HD74AC283/HD74ACT283
Rev.2.00, Jul.16.2004, page 7 of 9
AC Characteristics: HD74AC283
Ta = +25°C
C
L = 50 pF
Ta = –40°C to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Min
Typ
Max
Min
Max
Unit
Propagation delay
t
PLH
3.3
1.0
11.5
15.0
1.0
16.5
ns
C
0 to Sn
5.0
1.0
9.5
11.5
1.0
12.5
Propagation delay
t
PHL
3.3
1.0
10.5
14.0
1.0
15.5
ns
C
0 to Sn
5.0
1.0
8.5
10.5
1.0
11.5
Propagation delay
t
PLH
3.3
1.0
14.0
17.0
1.0
18.5
ns
A
n or Bn to Sn
5.0
1.0
11.5
13.5
1.0
14.5
Propagation delay
t
PHL
3.3
1.0
13.5
16.5
1.0
18.0
ns
A
n or Bn to Sn
5.0
1.0
11.0
13.0
1.0
14.0
Propagation delay
t
PLH
3.3
1.0
9.5
12.5
1.0
15.5
ns
C
0 to C4
5.0
1.0
7.5
9.5
1.0
10.5
Propagation delay
t
PHL
3.3
1.0
10.0
13.0
1.0
14.0
ns
C
0 to C4
5.0
1.0
8.0
10.0
1.0
11.0
Propagation delay
t
PLH
3.3
1.0
11.5
14.5
1.0
16.0
ns
A
n or Bn to C4
5.0
1.0
9.5
11.5
1.0
12.5
Propagation delay
t
PHL
3.3
1.0
12.0
15.0
1.0
16.5
ns
A
n or Bn to C4
5.0
1.0
10.0
12.0
1.0
13.0
Note:
1. Voltage Range 3.3 is 3.3 V ± 0.3 V
Voltage Range 5.0 is 5.0 V ± 0.5 V
AC Characteristics: HD74ACT283
Ta = +25°C
C
L = 50 pF
Ta = –40°C to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Min
Typ
Max
Min
Max
Unit
Propagation delay
C
0 to Sn
t
PLH
5.0
1.0
11.5
13.5
1.0
14.5
ns
Propagation delay
C
0 to Sn
t
PHL
5.0
1.0
10.0
12.0
1.0
13.0
ns
Propagation delay
A
n or Bn to Sn
t
PLH
5.0
1.0
13.0
15.0
1.0
16.5
ns
Propagation delay
A
n or Bn to Sn
t
PHL
5.0
1.0
12.0
14.0
1.0
15.5
ns
Propagation delay
C
0 to C4
t
PLH
5.0
1.0
9.0
11.0
1.0
12.0
ns
Propagation delay
C
0 to C4
t
PHL
5.0
1.0
10.0
12.0
1.0
13.0
ns
Propagation delay
A
n or Bn to C4
t
PLH
5.0
1.0
11.0
13.0
1.0
14.0
ns
Propagation delay
A
n or Bn to C4
t
PHL
5.0
1.0
11.5
13.5
1.0
14.5
ns
Note:
1. Voltage Range 5.0 is 5.0 V ± 0.5 V
Capacitance
Item
Symbol
Typ
Unit
Condition
Input capacitance
C
IN
4.5
pF
V
CC = 5.5 V
Power dissipation capacitance
C
PD
60.0
pF
V
CC = 5.0 V


Similar Part No. - HD74AC283

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
More results

Similar Description - HD74AC283

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
   4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
SN54LS83A MOTOROLA-SN54LS83A Datasheet
94Kb / 3P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
logo
NXP Semiconductors
74HC283 PHILIPS-74HC283 Datasheet
61Kb / 8P
   4-bit binary full adder with fast carry
December 1990
logo
Intersil Corporation
CD54AC283 INTERSIL-CD54AC283 Datasheet
9Kb / 1P
   4-Bit Binary Full Adder with Fast Carry
June 1997
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283 Datasheet
66Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com