Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC108RPEL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74HC108RPEL
Description  Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC108RPEL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74HC108RPEL Datasheet HTML 1Page - Renesas Technology Corp HD74HC108RPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HC108RPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HC108RPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC108RPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC108RPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC108RPEL Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HD74HC108
Rev.2.00, Oct 11, 2005 page 3 of 6
Electrical Characteristics
Ta = 25
°C
Ta = –40 to+85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
1.5
1.5
4.5
3.15
3.15
VIH
6.0
4.2
4.2
V
2.0
0.5
0.5
4.5
1.35
1.35
Input voltage
VIL
6.0
1.8
1.8
V
2.0
1.9
2.0
1.9
4.5
4.4
4.5
4.4
6.0
5.9
6.0
5.9
IOH = –20
µA
4.5
4.18
4.13
IOH = –4 mA
VOH
6.0
5.68
5.63
V
Vin = VIH or VIL
IOH = –5.2 mA
2.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
6.0
0.0
0.1
0.1
IOL = 20
µA
4.5
0.26
0.33
IOL = 4 mA
Output voltage
VOL
6.0
0.26
0.33
V
Vin = VIH or VIL
IOL = 5.2 mA
Input current
Iin
6.0
±0.1
±1.0
µA Vin = VCC or GND
Quiescent supply
current
ICC
6.0
2.0
20
µA Vin = VCC or GND, Iout = 0 µA


Similar Part No. - HD74HC108RPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC108 HITACHI-HD74HC108 Datasheet
55Kb / 9P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
More results

Similar Description - HD74HC108RPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC78 HITACHI-HD74HC78 Datasheet
59Kb / 10P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
HD74LS78A HITACHI-HD74LS78A Datasheet
71Kb / 6P
   Dual J-K Flip-Flops(with Preset, Common Clear, and Common Clock)
HD74HC108 HITACHI-HD74HC108 Datasheet
55Kb / 9P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
logo
Renesas Technology Corp
HD74HC78 RENESAS-HD74HC78_15 Datasheet
124Kb / 9P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
logo
Texas Instruments
SN54LS78A TI-SN54LS78A Datasheet
87Kb / 5P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH PRESET, COMMON CLOCK, AND COMMON CLEAR
SN74H78 TI-SN74H78 Datasheet
353Kb / 8P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH PRESET, COMMON CLOCK, AND COMMON CLEAR
logo
Hitachi Semiconductor
HD74HC114 HITACHI-HD74HC114 Datasheet
49Kb / 8P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
logo
Renesas Technology Corp
HD74LS78A RENESAS-HD74LS78A Datasheet
182Kb / 7P
   Dual J-K Flip-Flops (with Preset, Common Clear, and Common Clock)
HD74HC78 RENESAS-HD74HC78 Datasheet
105Kb / 7P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
logo
Hitachi Semiconductor
HD74LS114 HITACHI-HD74LS114 Datasheet
77Kb / 7P
   Dual J-K Negative-edge-triggered Flip-Flops(with Preset, Common Clear and Common Clock)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com