Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC95 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74HC95
Description  8-bit Shift Register
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC95 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74HC95 Datasheet HTML 1Page - Renesas Technology Corp HD74HC95 Datasheet HTML 2Page - Renesas Technology Corp HD74HC95 Datasheet HTML 3Page - Renesas Technology Corp HD74HC95 Datasheet HTML 4Page - Renesas Technology Corp HD74HC95 Datasheet HTML 5Page - Renesas Technology Corp HD74HC95 Datasheet HTML 6Page - Renesas Technology Corp HD74HC95 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74HC95
Rev.2.00, Oct 06, 2005 page 4 of 6
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to +85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
4
3
4.5
20
16
Maximum clock
frequency
fmax
6.0
24
19
MHz
2.0
145
180
4.5
17
29
36
tPLH
6.0
25
31
ns
2.0
170
215
4.5
17
34
43
Propagation delay
time
tPHL
6.0
29
37
ns
2.0
80
100
4.5
16
6
20
Pulse width
tw
6.0
14
17
ns
Clock
2.0
100
125
4.5
20
2
25
Setup time
tsu
6.0
17
21
ns
2.0
10
10
4.5
10
–1
10
Hold time
th
6.0
10
10
ns
2.0
75
95
4.5
5
15
19
Output rise/fall
time
tTLH, tTHL
6.0
13
16
ns
Input capacitance
Cin
5
10
10
pF
Test Circuit
VCC
Clock 2
VCC
Zout = 50
Input
Zout = 50
Input
CL = 50 pF
Output
QA
A
B
Note: C includes the probe and jig capacitance.
L
Pulse generator
Pulse generator
CL = 50 pF
Output
CL = 50 pF
Output
CL = 50 pF
Output
QB
QC
QD
C
D
Serial Input
Mode Control
Clock 1


Similar Part No. - HD74HC95

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC95 HITACHI-HD74HC95 Datasheet
44Kb / 8P
   4-bit Parallel Access Shift Register
More results

Similar Description - HD74HC95

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
   8-bit Shift Register
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
   8-BIT SHIFT REGISTER
1996 REV 3
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
   8-BIT SHIFT REGISTER
SY10E141 MICREL-SY10E141 Datasheet
63Kb / 4P
   8-BIT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74ACT164F TOSHIBA-TC74ACT164F Datasheet
281Kb / 7P
   8 BIT SHIFT REGISTER
TC7MH165FK TOSHIBA-TC7MH165FK Datasheet
292Kb / 7P
   8-BIT SHIFT REGISTER
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141_06 Datasheet
63Kb / 4P
   8-BIT SHIFT REGISTER
logo
List of Unclassifed Man...
GD4021B ETC1-GD4021B Datasheet
67Kb / 2P
   8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LS166A RENESAS-HD74LS166A Datasheet
101Kb / 8P
   8-bit Shift Register
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com