Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3287 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SK3287
Description  Silicon N Channel MOS FET High Speed Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3287 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SK3287 Datasheet HTML 1Page - Renesas Technology Corp 2SK3287 Datasheet HTML 2Page - Renesas Technology Corp 2SK3287 Datasheet HTML 3Page - Renesas Technology Corp 2SK3287 Datasheet HTML 4Page - Renesas Technology Corp 2SK3287 Datasheet HTML 5Page - Renesas Technology Corp 2SK3287 Datasheet HTML 6Page - Renesas Technology Corp 2SK3287 Datasheet HTML 7Page - Renesas Technology Corp 2SK3287 Datasheet HTML 8Page - Renesas Technology Corp 2SK3287 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SK3287
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DSS
30
V
Gate to source voltage
V
GSS
±20
V
Drain current
I
D
300
mA
Drain peak current
I
D(pulse)
Note1
1.2
A
Body-drain diode reverse drain current
I
DR
300
mA
Channel dissipation
Pch
Note 2
400
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value on the alumina ceramic board (12.5 x 20 x 0.7 mm)
Electrical Characteristics (Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown
voltage
V
(BR)DSS
30
V
I
D = 100 µA, VGS = 0
Gate to source breakdown
voltage
V
(BR)GSS
±20
V
I
G = ±100 µA, VDS = 0
Gate to source leak current
I
GSS
——
±5
µAV
GS = ±16 V, VDS = 0
Zero gate voltege drain
current
I
DSS
——1
µAV
DS = 30 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
1.3
2.3
V
I
D = 10µ, VDS = 5 V
Static drain to source on state R
DS(on)
1.26
1.44
I
D = 150 mA,VGS = 10 V
Note 3
resistance
R
DS(on)
2.8
3.44
I
D = 50 mA,VGS = 4 V
Note 3
Forward transfer admittance
|y
fs|
145
220
mS
I
D = 150 mA, VDS = 10 V
Note 3
Input capacitance
Ciss
6
pF
V
DS = 10 V
Output capacitance
Coss
18
pF
V
GS = 0
Reverse transfer capacitance Crss
2
pF
f = 1 MHz
Turn-on delay time
t
d(on)
200
ns
I
D = 150 mA, VGS = 10 V
Rise time
t
r
600
ns
R
L = 66.6 Ω
Turn-off delay time
t
d(off)
1100
ns
Fall time
t
f
1100
ns
Note:
3. Pulse test
4. Marking is AN


Similar Part No. - 2SK3287

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3287 HITACHI-2SK3287 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
More results

Similar Description - 2SK3287

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3288 HITACHI-2SK3288 Datasheet
39Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
2SK3380 HITACHI-2SK3380 Datasheet
26Kb / 5P
   Silicon N Channel MOS FET High Speed Switching
logo
Sanyo Semicon Device
FW306 SANYO-FW306 Datasheet
17Kb / 2P
   N- Channel Silicon MOS FET High Speed Switching
logo
Hitachi Semiconductor
2SK3289 HITACHI-2SK3289 Datasheet
27Kb / 5P
   Silicon N Channel MOS FET High Speed Switching
2SK3348 HITACHI-2SK3348 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SK3289 RENESAS-2SK3289 Datasheet
44Kb / 7P
   Silicon N Channel MOS FET High Speed Switching
2SK3378 RENESAS-2SK3378 Datasheet
140Kb / 7P
   Silicon N Channel MOS FET High Speed Switching
2SK3348 RENESAS-2SK3348 Datasheet
157Kb / 10P
   Silicon N Channel MOS FET High Speed Switching
2SK3349 RENESAS-2SK3349 Datasheet
97Kb / 12P
   Silicon N Channel MOS FET High Speed Switching
June 1999
logo
Hitachi Semiconductor
2SK3287 HITACHI-2SK3287 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com