Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HVL147 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. HVL147
Description  Silicon Epitaxial Trench Pin Diode for Antenna Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVL147 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HVL147_06 Datasheet HTML 1Page - Renesas Technology Corp HVL147_06 Datasheet HTML 2Page - Renesas Technology Corp HVL147_06 Datasheet HTML 3Page - Renesas Technology Corp HVL147_06 Datasheet HTML 4Page - Renesas Technology Corp HVL147_06 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVL147
Rev.3.00 Jan 13, 2006 page 3 of 4
Main Characteristic
10
100
1.0
0
0.2
0.4
0.6
0.8
1.0
10
-2
10
-4
10
-6
10
-8
10
-10
10
-12
040
10
30
20
50
10
-10
10
-8
10
-9
10
-11
10
-12
10
-13
10
-14
0.1
10
1.0
Forward voltage VF (V)
Fig.1 Forward current vs. Forward voltage
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
Fig.4 Forward resistance vs. Forward current
Forward current IF (mA)
Ta = 25
°C
Ta = 75
°C
2
010
46
8
f = 1MHz
0.1
1.0
10
f = 100MHz


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
RKP203KN Silicon Epitaxial Trench Pin Diode for Antenna Switching 1  2  3  4  5  Renesas Technology Corp
HVD147 Silicon Epitaxial Trench Pin Diode for Antenna Switching 1  2  3  4  5  Renesas Technology Corp
RKP201KL Silicon Epitaxial Trench Pin Diode for Antenna Switching 1  2  3  4  5  Renesas Technology Corp
HVL144A Silicon Epitaxial Trench Pin Diode for Antenna Switching 1  2  3  4  5  More Renesas Technology Corp
HVL144AM Silicon Epitaxial Trench Pin Diode for Antenna Switching 1  2  3  4  5  More Renesas Technology Corp
HVL147M Silicon Epitaxial Trench Pin Diode for Antenna Switching 1  2  3  4  5  Renesas Technology Corp
HVL138A Silicon Epitaxial Trench Pin Diode for Antenna Switching 1  2  3  4  5  More Renesas Technology Corp
RKP201KK Silicon Epitaxial Trench Pin Diode for Antenna Switching 1  2  3  4  5  Renesas Technology Corp
RKP201KM Silicon Epitaxial Trench Pin Diode for Antenna Switching 1  2  3  4  5  Renesas Technology Corp
RKP201KN Silicon Epitaxial Trench Pin Diode for Antenna Switching 1  2  3  4  5  Renesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn